Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC908U Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC908U
Description  8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC908U Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC908U Datasheet HTML 1Page - Burr-Brown (TI) DAC908U Datasheet HTML 2Page - Burr-Brown (TI) DAC908U Datasheet HTML 3Page - Burr-Brown (TI) DAC908U Datasheet HTML 4Page - Burr-Brown (TI) DAC908U Datasheet HTML 5Page - Burr-Brown (TI) DAC908U Datasheet HTML 6Page - Burr-Brown (TI) DAC908U Datasheet HTML 7Page - Burr-Brown (TI) DAC908U Datasheet HTML 8Page - Burr-Brown (TI) DAC908U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
®
DAC908
4
Current
Sources
LSB
Switches
Segmented
MSB
Switches
+1.24V Ref.
Latches
8-Bit Data Input
D7.......D0
DAC908
FSA
BW
+V
D
+V
A
R
SET
AGND
CLK
DGND
REF
IN
0.1
µF
INT/EXT
I
OUT
I
OUT
BYP
PD
20pF
50
50
20pF
1:1
0.1
µF
0.1
µF
+5V
+5V
(MSB) Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
(LSB) Bit 8
NC
(1)
NC
(1)
NC
(1)
NC
(1)
NC
(1)
NC
(1)
CLK
+V
D
DGND
NC
(1)
+V
A
BYP
I
OUT
I
OUT
AGND
BW
FSA
REF
IN
INT/EXT
PD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DAC908
NOTE: (1) NC pins should be left unconnected or grounded.
PIN
DESIGNATOR
DESCRIPTION
1
Bit 1
Data Bit 1 (D7), MSB
2
Bit 2
Data Bit 2 (D6)
3
Bit 3
Data Bit 3 (D5)
4
Bit 4
Data Bit 4 (D4)
5
Bit 5
Data Bit 5 (D3)
6
Bit 6
Data Bit 6 (D2)
7
Bit 7
Data Bit 7 (D1)
8
Bit 8
Data Bit 8 (D0), LSB
9
NC
No Connection
10
NC
No Connection
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
15
PD
Power Down, Control Input; Active
High. Contains internal pull-down circuit;
may be left unconnected if not used.
16
INT/EXT
Reference Select Pin; Internal (= 0) or
External (= 1) Reference Operation.
17
REF
IN
Reference Input/Ouput. See Applications
section for further details.
18
FSA
Full-Scale Output Adjust
19
BW
Bandwidth/Noise Reduction Pin:
Bypass with 0.1
µF to +V
A for Optimum
Performance.
20
AGND
Analog Ground
21
I
OUT
Complementary DAC Current Output
22
I
OUT
DAC Current Output
23
BYP
Bypass Node: Use 0.1
µF to AGND
24
+V
A
Analog Supply Voltage, 2.7V to 5.5V
25
NC
No Connection
26
DGND
Digital Ground
27
+V
D
Digital Supply Voltage, 2.7V to 5.5V
28
CLK
Clock Input
PIN DESCRIPTIONS
PIN CONFIGURATION
Top View
SO/TSSOP
TYPICAL CONNECTION CIRCUIT


Similar Part No. - DAC908U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC908U TI1-DAC908U Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908U/1K TI1-DAC908U/1K Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908U/1KG4 TI1-DAC908U/1KG4 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908UG4 TI1-DAC908UG4 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC908U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com