Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF15217DXX Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FWLF15217DXX
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15217DXX Datasheet(HTML) 5 Page - Finisar Corporation.

  FWLF15217DXX Datasheet HTML 1Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 2Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 3Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 4Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 5Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 6Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 7Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 8Page - Finisar Corporation. FWLF15217DXX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FWLF15217Dxx SFP Product Specification – February 2013
F i n i s a r
 Finisar Corporation February 2013 Rev.B2
Page 5
V.
Optical Characteristics (TOP = 0 to 70 C, VCC = 3.15 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr (End of Life)
POUT
+0
+5
dBm
1
Optical Wavelength
(x-6.5)
(x)
(x+6.5)
nm
2
Wavelength Temperature Dependance
0.08
0.125
nm/°C
Spectral Width (-20dB)
1
nm
Optical Extinction Ratio
ER
8.2
dB
Sidemode Supression ratio
SSRmin
30
dB
Optical Rise/Fall Time
tr/ tf
180
ps
3
RIN
RIN
-120
dB/Hz
Transmitter Jitter Generation
75
mUI
Dispersion Penalty at 50km
1.5
dB
Receiver
Optical Input Power
Pin
-20
0
dBm
Optical Center Wavelength
C
1270
1620
nm
LOS De-Assert
LOSD
-19
dBm
LOS Assert
LOSA
-30
dBm
LOS Hysteresis
1.0
dB
Receiver Jitter Generation @2.488Gbps
130
ps
6
Receiver Jitter Generation @1.25Gbps
160
ps
7
Dispersion Penalty at 60km
2
dB
8
Notes:
1.
Class 1 Laser Safety per FDA/CDRH and IEC-825-1 regulations.
2.
Over case temperature of 0 to 70 °C. The Transmitter Center Wavelength “x” is as specified by the
customer. The current available wavelengths are: 1470, 1490, 1510, 1530, 1550, 1570, 1590, and 1610
nm. Please see the “Product Selection” section on page 1.
3.
Unfiltered
4.
Worst-case extinction ratio. Measured with a PRBS 2
23-1 test pattern, @2.67Gb/s, BER<10 –12, EOL
5.
Worst-case extinction ratio. Measured with a PRBS 2
7-1 test pattern, @1.25Gb/s, BER<10 –12, EOL
6.
Jitter added by receiver (peak to peak). Measured at Average Rx Sensitivity of –20dBm, PRBS 2
31-1
test pattern.
7.
Jitter added by receiver (peak to peak). Measured at Average Rx Sensitivity of –23dBm, PRBS 2
7-1
test pattern.
8.
Measured using 9/12m SMF-28 @2.488Gbps, PRBS 2
23-1 test pattern, BER<10 –10.
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Data Rate
BR
0.622
2.67
Gb/sec
Total System Budget
--
20
21.0
dB
@2.67 Gb/s, BER < 10
-12


Similar Part No. - FWLF15217DXX

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FWLF15217DXX FRONTIER-FWLF15217DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF15217DXX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com