Electronic Components Datasheet Search |
|
FWLF1523P1X51 Datasheet(PDF) 3 Page - Finisar Corporation. |
|
FWLF1523P1X51 Datasheet(HTML) 3 Page - Finisar Corporation. |
3 / 10 page FWLF1523P1x51 Pluggable SFP Product Specifications F i n i s a r © Finisar Corporation May 2011, Rev. A Page 3 II. Absolute Maximum Ratings Parameter Symbol Min Typ Max Unit Ref. Maximum Supply Voltage Vcc -0.5 4.5 V Storage Temperature TS -40 +85 °C Case Operating Comm. Temp. TOP 0 +70 °C Extended Temp. -20 +85 °C Relative Humidity RH 0 85 % 1 Notes: 1. Non condensing. III. Electrical Characteristics Parameter Symbol Min Typ Max Unit Ref. Supply Voltage Vcc 3.135 3.465 V Supply Current Icc 300 mA Power Consumption Pcons 1.0 W Transmitter Input differential impedance Rin 100 Ω 1 Single ended data input swing Vin,pp 250 1200 mV Transmit Disable Voltage VD Vcc – 1.3 Vcc V Transmit Enable Voltage VEN Vee Vee+ 0.8 V 2 Transmit Disable Assert Time 10 μs Receiver Single ended data output swing Vout,pp 300 400 800 mV 3 Data rise/fall time tr 400 1300 ps 4 LOS Fault VLOS fault Vcc – 0.5 VccHOST V 5 LOS Normal VLOS norm Vee Vee+0.5 V 6 Power Supply Rejection PSR 100 mVpp 6 Notes: 1. AC coupled. 2. Or open circuit. 3. Into 100 ohm differential termination. 4. 20 – 80 % 5. Loss Of Signal is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected. 6. All transceiver specifications are compliant with a power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified value applied through the power supply filtering network shown on page 23 of the Small Form-factor Pluggable (SFP) Transceiver MultiSource Agreement (MSA), September 14, 2000. Valid on receive side for input powers within receive sensitivity. |
Similar Part No. - FWLF1523P1X51 |
|
Similar Description - FWLF1523P1X51 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |