Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC900U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC900U
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC900U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC900U Datasheet HTML 1Page - Burr-Brown (TI) DAC900U Datasheet HTML 2Page - Burr-Brown (TI) DAC900U Datasheet HTML 3Page - Burr-Brown (TI) DAC900U Datasheet HTML 4Page - Burr-Brown (TI) DAC900U Datasheet HTML 5Page - Burr-Brown (TI) DAC900U Datasheet HTML 6Page - Burr-Brown (TI) DAC900U Datasheet HTML 7Page - Burr-Brown (TI) DAC900U Datasheet HTML 8Page - Burr-Brown (TI) DAC900U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
DAC900
2
SPECIFICATIONS
At T
A = full specified temperature range, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC900U/E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
10
Bits
Output Update Rate (fCLOCK)
4.5V to 5.5V
165
200
MSPS
Output Update Rate
2.7V to 3.3V
125
165
MSPS
Full Specified Temperature Range, Operating
Ambient, TA
–40
+85
°C
STATIC ACCURACY(1)
TA = +25°C
Differential Nonlinearity (DNL)
fCLOCK = 25MSPS, fOUT = 1.0MHz
–0.5
±0.3
+0.5
LSB
Integral Nonlinearity (INL)
–1.0
±0.5
+1.0
LSB
DYNAMIC PERFORMANCE
TA = +25°C
Spurious Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1.0MHz, fCLOCK = 25MSPS
70
76
dBc
fOUT = 2.1MHz, fCLOCK = 50MSPS
75
dBc
fOUT = 5.04MHz, fCLOCK = 50MSPS
68
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
62
dBc
fOUT = 25.3MHz, fCLOCK = 125MSPS
62
dBc
fOUT = 41.5MHz, fCLOCK = 125MSPS
53
dBc
fOUT = 27.4MHz, fCLOCK = 165MSPS
59
dBc
fOUT = 54.8MHz, fCLOCK = 165MSPS
53
dBc
Spurious Free Dynamic Range within a Window
fOUT = 5.04MHz, fCLOCK = 50MSPS
2MHz Span
78
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
4MHz Span
78
dBc
Total Harmonic Distortion (THD)
fOUT = 2.1MHz, fCLOCK = 50MSPS
–74
dBc
fOUT = 2.1MHz, fCLOCK = 125MSPS
–73
dBc
Two Tone
fOUT1 = 13.5MHz, fOUT2 = 14.5MHz, fCLOCK = 100MSPS
60
dBc
Output Settling Time(2)
to 0.1%
30
ns
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
10% to 90%
2
ns
Glitch Impulse
3
pV-s
DC-ACCURACY
Full-Scale Output Range(3)(FSR)
All Bits High, IOUT
2.0
20.0
mA
Output Compliance Range
–1.0
+1.25
V
Gain Error
With Internal Reference
–10
±1
+10
%FSR
Gain Error
With External Reference
–10
±2
+10
%FSR
Gain Drift
With Internal Reference
±120
ppmFSR/
°C
Offset Error
With Internal Reference
–0.025
+0.025
%FSR
Offset Drift
With Internal Reference
±0.1
ppmFSR/
°C
Power Supply Rejection, +VA
–0.2
+0.2
%FSR/V
Power Supply Rejection, +VD
–0.025
+0.025
%FSR/V
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
Output Resistance
200
k
Output Capacitance
IOUT, IOUT to Ground
12
pF
REFERENCE
Reference Voltage
+1.24
V
Reference Tolerance
±10
%
Reference Voltage Drift
±50
ppmFSR/
°C
Reference Output Current
10
µA
Reference Input Resistance
1M
Reference Input Compliance Range
0.1
1.25
V
Reference Small Signal Bandwidth(4)
1.3
MHz
DIGITAL INPUTS
Logic Coding
Straight Binary
Latch Command
Rising Edge of Clock
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+VD = +3V
2
3
V
Logic Low Voltage, VIL
+VD = +3V
0
0.8
V
Logic High Current, IIH(5)
+VD = +5V
±20
µA
Logic Low Current, IIL
+VD = +5V
±20
µA
Input Capacitance
5pF


Similar Part No. - DAC900U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC900U TI1-DAC900U Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900U/1K TI1-DAC900U/1K Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900U/1KG4 TI1-DAC900U/1KG4 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900UG4 TI1-DAC900UG4 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC900U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC902 BURR-BROWN-DAC902 Datasheet
216Kb / 16P
   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com