Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC811JU Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC811JU
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC811JU Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DAC811JU Datasheet HTML 1Page - Burr-Brown (TI) DAC811JU Datasheet HTML 2Page - Burr-Brown (TI) DAC811JU Datasheet HTML 3Page - Burr-Brown (TI) DAC811JU Datasheet HTML 4Page - Burr-Brown (TI) DAC811JU Datasheet HTML 5Page - Burr-Brown (TI) DAC811JU Datasheet HTML 6Page - Burr-Brown (TI) DAC811JU Datasheet HTML 7Page - Burr-Brown (TI) DAC811JU Datasheet HTML 8Page - Burr-Brown (TI) DAC811JU Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
®
DAC811
MINIMUM
RELATIVE
DIFFERENTIAL
PACKAGE
SPECIFICATION
ACCURACY
LINEARITY
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE
NUMBER
RANGE
NUMBER(1)
MEDIA
DAC811AH
±1/2 LSB
3/4
CerDIP-28
149
–25
°C to +85°C
DAC811AH
Rails
DAC811JP
±1/2 LSB
3/4
DIP-28
215
0
°C to +70°C
DAC811JP
Rails
DAC811JU
±1/2 LSB
3/4
SOIC-28
217
0
°C to +70°C
DAC811JU
Rails
""
"
"
"
"
DAC811JU/1K
Tape and Reel
DAC811KP
±1/4 LSB
1/2
DIP-28
215
0
°C to +70°C
DAC811KP
Rails
DAC811KU
±1/4 LSB
1/2
SOIC-28
217
0
°C to +70°C
DAC811KU
Rails
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DAC811JU/1K” will get a single 1000-piece Tape and Reel.
+VCC ................................................................................................................................ 0 to +18V
–VCC to ACOM .......................................................................... 0 to –18V
VDD to DCOM .............................................................................. 0 to +7V
VDD to ACOM ...................................................................................... ±7V
ACOM to DCOM ..................................................................................
±7V
Digital Inputs (Pins 2–14, 16–19) to DCOM ...................... –0.4V to +18V
External Voltage Applied to 10V Range Resistor ............................
±12V
Ref Out ............................................................. Indefinite Short to ACOM
External Voltage Applied to DAC Output ................................ –5V to +5V
Power Dissipation ........................................................................ 1000mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
Max Junction Temperature ............................................................ +165
°C
Thermal Resistance,
θ
J-A: Plastic DIP and SOIC ....................... 100°C/W
Ceramic DIP .................................................................................. 65
°C/W
NOTE: Stresses above those listed above may cause permanent damage to
the device. Exposure to absolute maximum conditions for extended periods
may affect device reliability.
PIN
NAME
FUNCTION
1+VDD
Logic supply, +5V.
2
WR
Write, command signal to load latches. Logic low
loads latches.
3
LDAC
Load D/A converter, enables WR to load the D/A
latch. Logic low enables.
4NA
Nibble A, enables WR to load input latch A (the
most significant nibble). Logic low enables.
5NB
Nibble B, enables WR to load input latch B. Logic
low enables.
6NC
Nibble C, enables WR to load input latch C (the
least significant nibble). Logic low enables.
7D11
Data bit 12, MSB, positive true.
8D10
Data bit 11.
9D9
Data bit 10.
10
D8
Data bit 9.
11
D7
Data bit 8.
12
D6
Data bit 7.
13
D5
Data bit 6.
14
D4
Data bit 5.
15
DCOM
Digital common, VDD supply return.
16
D0
Data bit 1, LSB.
17
D1
Data bit 2.
18
D2
Data bit 3.
19
D3
Data bit 4.
20
+VCC
Analog supply input, +15V or +12V.
21
–VCC
Analog supply input, –15V or –12V.
22
Gain Adj
To externally adjust gain.
23
ACOM
Analog common,
±V
CC supply return.
24
VOUT
D/A converter voltage output.
25
10V Range
Connect to pin 24 for 10V range.
26
SJ
Summing junction of output amplifier.
27
BPO
Bipolar offset. Connect to pin 26 for bipolar
operation.
28
Ref Out
6.3V reference output.
PIN DESCRIPTIONS
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - DAC811JU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811JU TI1-DAC811JU Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JU/1K TI1-DAC811JU/1K Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JU/1KE4 TI1-DAC811JU/1KE4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC811JUG4 TI1-DAC811JUG4 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC811JU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com