Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC80-CBI-V Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC80-CBI-V
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC80-CBI-V Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC80-CBI-V Datasheet HTML 1Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 2Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 3Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 4Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 5Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 6Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 7Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 8Page - Burr-Brown (TI) DAC80-CBI-V Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FPO
FPO 41%
Monolithic 12-Bit
DIGITAL-TO-ANALOG CONVERTERS
®
FEATURES
q INDUSTRY STANDARD PINOUT
q FULL
±10V SWING WITH V
CC = ±12VDC
q DIGITAL INPUTS ARE TTL- AND
CMOS-COMPATIBLE
q GUARANTEED SPECIFICATIONS WITH
±12V AND ±15V SUPPLIES
q
±1/2LSB MAXIMUM NONLINEARITY:
0
°C to +70°C
q SETTLING TIME: 4
µs max to ±0.01% of
Full Scale
q GUARANTEED MONOTONICITY:
0
°C to +70°C
q TWO PACKAGE OPTIONS: Hermetic side-
brazed ceramic and low-cost molded
plastic
DESCRIPTION
This monolithic digital-to-analog converter is pin-for-
pin equivalent to the industry standard DAC80 first
introduced by Burr-Brown. Its single-chip design in-
cludes the output amplifier and provides a highly
stable reference capable of supplying up to 2.5mA to
an external load without degradation of D/A perfor-
mance.
This converter uses proven circuit techniques to pro-
vide accurate and reliable performance over tempera-
ture and power supply variations. The use of a buried
zener diode as the basis for the internal reference
contributes to the high stability and low noise of the
device. Advanced methods of laser trimming result in
precision output current and output amplifier feedback
resistors, as well as low integral and differential lin-
earity errors. Innovative circuit design enables the
DAC80 to operate at supply voltages as low as
±11.4V
with no loss in performance or accuracy over any
range of output voltage. The lower power dissipation
of this 118-mil by 121-mil chip results in higher
reliability and greater long term stability.
Burr-Brown has further enhanced the reliability of the
monolithic DAC80 by offering a hermetic, side-brazed,
ceramic package. In addition, ease of use has been
enhanced by eliminating the need for a +5V logic
power supply.
For applications requiring both reliability and low
cost, the DAC80P in a molded plastic package offers
the same electrical performance over temperature as
the ceramic model. The DAC80P is available with
voltage output only.
For designs that require a wider temperature range, see
Burr-Brown models DAC85H and DAC87H.
DAC80
DAC80P
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
Reference
Control
Circuit
12-Bit
Resistor
Ladder
Network
and
Current
Switches
Reference
Gain
Adjustment
Scaling
Network
Analog
Output
Offset
Adjustment
+ Supply
– Supply
©1986 Burr-Brown Corporation
PDS-643F
Printed in U.S.A. July, 1993


Similar Part No. - DAC80-CBI-V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80-CBI-V TI-DAC80-CBI-V Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80-CBI-V-BI TI-DAC80-CBI-V-BI Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC80-CBI-V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com