Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7615U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7615U
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7615U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC7615U Datasheet HTML 4Page - Burr-Brown (TI) DAC7615U Datasheet HTML 5Page - Burr-Brown (TI) DAC7615U Datasheet HTML 6Page - Burr-Brown (TI) DAC7615U Datasheet HTML 7Page - Burr-Brown (TI) DAC7615U Datasheet HTML 8Page - Burr-Brown (TI) DAC7615U Datasheet HTML 9Page - Burr-Brown (TI) DAC7615U Datasheet HTML 10Page - Burr-Brown (TI) DAC7615U Datasheet HTML 11Page - Burr-Brown (TI) DAC7615U Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
®
DAC7615
THEORY OF OPERATION
The DAC7615 is a quad, serial input, 12-bit, voltage output
DAC. The architecture is a classic R-2R ladder configuration
followed by an operational amplifier that serves as a buffer.
Each DAC has its own R-2R ladder network and output op
amp, but all share the reference voltage inputs. The minimum
voltage output (“zero-scale”) and maximum voltage output
(“full-scale”) are set by external voltage references (VREFL
and VREFH, respectively). The digital input is a 16-bit serial
word that contains the 12-bit DAC code and a 2-bit address
code that selects one of the four DACs (the two remaining
bits are unused). The converter can be powered from a single
+5V supply or a dual
±5V supply. Each device offers a reset
function which immediately sets all DAC output voltages and
internal registers to either zero-scale (code 000H) or mid-scale
(code 800H). The reset code is selected by the state of the
RESETSEL pin (LOW = 000H, HIGH = 800H). See Figures
1 and 2 for the basic operation of the DAC7615.
ANALOG OUTPUTS
When VSS = –5V (dual supply operation), the output
amplifier can swing to within 2.25V of the supply rails,
over the –40
°C to +85°C temperature range. With V
SS = 0V
(single-supply operation), the output can swing to ground.
Note that the settling time of the output op amp will be
longer with voltages very near ground. Also, care must be
taken when measuring the zero-scale error when VSS = 0V.
If the output amplifier has a negative offset, the output
voltage may not change for the first few digital input codes
(000H, 001H, 002H, etc.) since the output voltage cannot
swing below ground.
The behavior of the output amplifier can be critical in some
applications. Under short-circuit conditions (DAC output
shorted to ground), the output amplifier can sink a great deal
more current than it can source. See the Specifications table
for more details concerning short circuit current.
FIGURE 1. Basic Single-Supply Operation of the DAC7615.
FIGURE 2. Basic Dual-Supply Operation of the DAC7615.
NOTE: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal registers
to code 000
H (0V). If RESETSEL is HIGH, RESET LOW sets all internal registers to code 800H (1.25V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Update All DAC Registers
Chip Select
Clock
Serial Data In
DAC7615(1)
0.1
µF
0.1
µF
0V to +2.5V
1
µF to 10µF
+5V
+
0V to +2.5V
0V to +2.5V
0V to +2.5V
+2.500V
NOTE: (1) P and U package pin configurations shown. (2) As configured, RESET LOW sets all internal registers
to code 800
H (0V). If RESETSEL is LOW, RESET LOW sets all internal registers to code 000H (–2.5V).
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADREG
LOADDACS
CS
CLK
SDI
GND
Reset DACs(2)
Update Selected Register
Update All DAC Registers
Chip Select
Clock
Serial Data In
DAC7615(1)
0.1
µF
0.1
µF
–2.5V to +2.5V
1
µF to 10µF
+5V
–5V
+
0.1
µF
1
µF to 10µF
+
–2.5V to +2.5V
–2.500V
0.1
µF
+2.500V
–2.5V to +2.5V
–2.5V to +2.5V
+5V


Similar Part No. - DAC7615U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7615U TI1-DAC7615U Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615U/1K TI1-DAC7615U/1K Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615U/1KG4 TI1-DAC7615U/1KG4 Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615UB TI1-DAC7615UB Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7615UB/1K TI1-DAC7615UB/1K Datasheet
505Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
More results

Similar Description - DAC7615U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com