Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7614E Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7614E
Description  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7614E Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DAC7614E Datasheet HTML 1Page - Burr-Brown (TI) DAC7614E Datasheet HTML 2Page - Burr-Brown (TI) DAC7614E Datasheet HTML 3Page - Burr-Brown (TI) DAC7614E Datasheet HTML 4Page - Burr-Brown (TI) DAC7614E Datasheet HTML 5Page - Burr-Brown (TI) DAC7614E Datasheet HTML 6Page - Burr-Brown (TI) DAC7614E Datasheet HTML 7Page - Burr-Brown (TI) DAC7614E Datasheet HTML 8Page - Burr-Brown (TI) DAC7614E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
®
4
DAC7614
PIN CONFIGURATION—P, U Packages
Top View
PDIP, SOIC
PIN DESCRIPTIONS—P, U Packages
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
6VOUTB
DAC B Voltage Output
7VOUTA
DAC A Voltage Output
8VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
9
GND
Ground
10
SDI
Serial Data Input
11
CLK
Serial Data Clock
12
CS
Chip Select Input
13
NIC
Not Internally Connected.
14
LOADDACS
The selected DAC register becomes transparent
when LOADDACS is LOW. It is in the latched state
when LOADDACS is HIGH.
15
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
16
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
PIN CONFIGURATION—E Package
Top View
SSOP
PIN DESCRIPTIONS—E Package
PIN
LABEL
DESCRIPTION
1VDD
Positive Analog Supply Voltage, +5V nominal.
2VOUTD
DAC D Voltage Output
3VOUTC
DAC C Voltage Output
4VREFL
Reference Input Voltage Low. Sets minimum out-
put voltage for all DACs.
5
NIC
Not Internally Connected.
6
NIC
Not Internally Connected.
7VREFH
Reference Input Voltage High. Sets maximum out-
put voltage for all DACs.
8VOUTB
DAC B Voltage Output.
9VOUTA
DAC A Voltage Output.
10
VSS
Negative Analog Supply Voltage, 0V or –5V nomi-
nal.
11
GND
Ground
12
SDI
Serial Data Input
13
CLK
Serial Data Clock
14
CS
Chip Select Input
15
NIC
Not Internally Connected.
16
NIC
Not Internally Connected.
17
NIC
Not Internally Connected.
18
LOADDACS
The selected DAC register becomes transparent
when LOADDACS is LOW. It is in the latched state
when LOADDACS is HIGH.
19
RESET
Asynchronous Reset Input. Sets all DAC registers
to either
zero-scale (000H) or mid-scale (800H)
when LOW. RESETSEL determines which code is
active.
20
RESETSEL
When LOW, a LOW on RESET will cause all DAC
registers to be set to code 000H. When RESETSEL
is HIGH, a LOW on RESET will set the registers to
code 800H.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
DD
V
OUTD
V
OUTC
V
REFL
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
CS
CLK
SDI
GND
DAC7614P, U
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
V
OUTD
V
OUTC
V
REFL
NIC
NIC
V
REFH
V
OUTB
V
OUTA
V
SS
RESETSEL
RESET
LOADDACS
NIC
NIC
NIC
CS
CLK
SDI
GND
DAC7614E


Similar Part No. - DAC7614E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7614E TI1-DAC7614E Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614E TI1-DAC7614E Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614E/1K TI1-DAC7614E/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
DAC7614E/1K TI1-DAC7614E/1K Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7614E/1KG4 TI1-DAC7614E/1KG4 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output
More results

Similar Description - DAC7614E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI1-DAC7714_15 Datasheet
786Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com