Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7611UB Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7611UB
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7611UB Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC7611UB Datasheet HTML 4Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 5Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 6Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 7Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 8Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 9Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 10Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 11Page - Burr-Brown (TI) DAC7611UB Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
®
8
DAC7611
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°, and VDD = 5V, unless otherwise specified.
3
2
1
0
–1
ZERO-SCALE VOLTAGE vs TEMPERATURE
Temperature (°C)
–50
0
25
–25
50
75
100
125
FALL TIME DETAIL
Time (10µs/div)
LD
V
OUT
10.000
1.000
0.100
0.010
OUTPUT VOLTAGE NOISE vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
Data = FFF
H
5
4
3
2
1
0
–1
–2
–3
–4
–5
Hours of Operation at +150°C
LONG-TERM DRIFT ACCELERATED BY BURN-IN
0
400
200
600
800
1000
1200
avg
max
min
120 Units
0
10
20
30
40
50
60
–12
–8
–4
0
4
8
12
T.U.E =
ΣINL = Z
S + FS
Sample Size = 300 Units
T
A = +25°C
TOTAL UNADJUSTED ERROR HISTOGRAM
4.115
4.110
4.105
4.100
4.095
4.090
4.085
4.080
4.075
FULL-SCALE VOLTAGE vs TEMPERATURE
Temperature (°C)
–50
0
25
–25
50
75
100
125
No Load
Sample Size = 300
Avg + 3
σ
Avg – 3
σ
Avg


Similar Part No. - DAC7611UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7611UB TI-DAC7611UB Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UB/2K5 TI-DAC7611UB/2K5 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UB/2K5G4 TI-DAC7611UB/2K5G4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611UBG4 TI-DAC7611UBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7611UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com