Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7613E Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7613E
Description  12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7613E Datasheet(HTML) 6 Page - Burr-Brown (TI)

  DAC7613E Datasheet HTML 1Page - Burr-Brown (TI) DAC7613E Datasheet HTML 2Page - Burr-Brown (TI) DAC7613E Datasheet HTML 3Page - Burr-Brown (TI) DAC7613E Datasheet HTML 4Page - Burr-Brown (TI) DAC7613E Datasheet HTML 5Page - Burr-Brown (TI) DAC7613E Datasheet HTML 6Page - Burr-Brown (TI) DAC7613E Datasheet HTML 7Page - Burr-Brown (TI) DAC7613E Datasheet HTML 8Page - Burr-Brown (TI) DAC7613E Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
DAC7613
TYPICAL PERFORMANCE CURVES: VSS = – 5V
At TA = +25°C, VDD = +5V, VREFH = +2.5V, and VREFL = 0V, representative unit, unless otherwise specified.
LINEARITY ERROR vs CODE
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
DIFFERENTIAL LINEARITY ERROR vs CODE
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
ZERO-SCALE ERROR vs TEMPERATURE
(Code 000
H)
20
–40
100
–20
0
40
Temperature (
°C)
–1.0
3.0
2.0
1.5
0.0
–0.5
2.5
0.5
1.0
60
80
FULL-SCALE ERROR vs TEMPERATURE
(Code FFF
H)
20
–40
100
–20
0
40
Temperature (
°C)
–1.0
3.0
2.0
1.5
0.0
–0.5
2.5
0.5
1.0
60
80
LINEARITY ERROR and
DIFFERENTIAL LINEARITY ERROR vs CODE
000
H
Digital Input Code
0.50
0.00
–0.25
–0.50
0.50
0.25
0.00
–0.50
–0.25
0.25
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H


Similar Part No. - DAC7613E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613E TI1-DAC7613E Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613E-1K TI1-DAC7613E-1K Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613E-1KG4 TI1-DAC7613E-1KG4 Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613E/1K TI1-DAC7613E/1K Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7613E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7724 BURR-BROWN-DAC7724 Datasheet
451Kb / 15P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7724 TI1-DAC7724_14 Datasheet
1Mb / 21P
[Old version datasheet]   12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Microchip Technology
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
   8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
logo
Texas Instruments
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com