Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS748N Datasheet(PDF) 4 Page - Motorola, Inc

Part # SN74LS748N
Description  10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS748N Datasheet(HTML) 4 Page - Motorola, Inc

  SN74LS748N Datasheet HTML 1Page - Motorola, Inc SN74LS748N Datasheet HTML 2Page - Motorola, Inc SN74LS748N Datasheet HTML 3Page - Motorola, Inc SN74LS748N Datasheet HTML 4Page - Motorola, Inc SN74LS748N Datasheet HTML 5Page - Motorola, Inc SN74LS748N Datasheet HTML 6Page - Motorola, Inc SN74LS748N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5-248
FAST AND LS TTL DATA
SN54/74LS147
• SN54/74LS148 • SN54/74LS748
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIL or VIH
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
All Others
Input 0 (LS748)
Inputs 1 – 7 (LS148)
Inputs 1 – 7 (LS748)
20
40
40
60
µA
VCC = MAX, VIN = 2.7 V
IIH
All Others
Input 0 (LS748)
Inputs 1 – 7 (LS148)
Inputs 1 – 7 (LS748)
0.1
0.2
0.2
0.3
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
All Others
Input 0 (LS748)
Inputs 1 – 7 (LS148)
Inputs 1 – 7 (LS748)
– 0.4
– 0.8
– 0.8
– 1.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 20
– 100
mA
VCC = MAX
ICCH
Power Supply Current Output HIGH
17
mA
VCC = MAX, All Inputs = 4.5 V
ICCL
Output LOW
20
mA
VCC = MAX, Inputs 7 & E1 = GND
All Other Inputs = 4.5 V
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.


Similar Part No. - SN74LS748N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN74LS74 MOTOROLA-SN74LS74 Datasheet
73Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
ON Semiconductor
SN74LS74 ONSEMI-SN74LS74 Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS74 TI-SN74LS74 Datasheet
699Kb / 18P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN74LS74 TI-SN74LS74 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
logo
ON Semiconductor
SN74LS74A ONSEMI-SN74LS74A Datasheet
102Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - SN74LS748N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54147 TI-SN54147_07 Datasheet
672Kb / 24P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54147 TI-SN54147 Datasheet
177Kb / 22P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
SN54LS148 TI-SN54LS148 Datasheet
556Kb / 20P
[Old version datasheet]   10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
SN54147 TI1-SN54147_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE PRIORITY ENCODERS
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
   8-line-to-3-line Octal Priority Encoders
logo
Texas Instruments
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com