Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54LS164 Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN54LS164
Description  SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS164 Datasheet(HTML) 3 Page - Motorola, Inc

  SN54LS164 Datasheet HTML 1Page - Motorola, Inc SN54LS164 Datasheet HTML 2Page - Motorola, Inc SN54LS164 Datasheet HTML 3Page - Motorola, Inc SN54LS164 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5-3
FAST AND LS TTL DATA
SN54/74LS164
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
All Inputs
VIL
Input LOW Voltage
74
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOH
Output HIGH Voltage
74
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN = VIH or VIL
per Truth Table
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIH or VIL
per Truth Table
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
– 20
–100
mA
VCC = MAX
ICC
Power Supply Current
27
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
36
MHz
VCC = 5.0 V
CL = 15 pF
tPHL
Propagation Delay
MR to Output Q
24
36
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
Propagation Delay
Clock to Output Q
17
21
27
32
ns
CL = 15 pF
AC SETUP REQUIREMENTS (TA = 25°C)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
CP, MR Pulse Width
20
ns
VCC = 5.0 V
ts
Data Setup Time
15
ns
VCC = 5.0 V
th
Data Hold Time
5.0
ns
VCC = 5.0 V
trec
MR to Clock Recovery Time
20
ns


Similar Part No. - SN54LS164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS164 TI-SN54LS164 Datasheet
621Kb / 15P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LS164 TI1-SN54LS164 Datasheet
943Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LS164-SP TI1-SN54LS164-SP Datasheet
943Kb / 21P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LS164FK TI-SN54LS164FK Datasheet
621Kb / 15P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LS164J TI-SN54LS164J Datasheet
621Kb / 15P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN54LS164

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
   Serial-In, Parallel-Out Shift Register
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
   SERIAL-IN PARALLEL-OUT SHIFT REGISTER
September 1988
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
   Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
   Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
   Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164_15 Datasheet
151Kb / 11P
   Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Texas Instruments
54F164A TI1-54F164A Datasheet
200Kb / 10P
[Old version datasheet]   54F164A Serial-In, Parallel-Out Shift Register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com