Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0318A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0318A
Description  SAW Filter 40MHz SMD 7.0횞5.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0318A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0318A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 40 MHz
MODEL NO.: TB0318A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -20
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
40
-
Insertion Loss
ILmindB
dB
-
9.0
12.0
3dB Bandwidth
MHz
3.5
5.0
-
Passband Ripple
(Fc-1.75MHz~Fc+1.75MHz)
dB
1.2
2.0
Group Delay Ripple
(Fc-1.75MHz~Fc+1.75MHz)
nS
190
250
Stopband Attenuation(reference to ILmindB)
Fc±5MHz
dB
20
35
-
27.5~32.5MHz
dB
31
42
-
47.5~52.5MHz
dB
31
42
-
0~30 MHz
dB
35
71
-
50~70 MHz
dB
35
43
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0318A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0318A GOLLEDGE-TB0318A Datasheet
175Kb / 5P
   SAW Filter 40.0MHz
More results

Similar Description - TB0318A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1176A TAI-SAW-TB1176A Datasheet
200Kb / 10P
   SAW Filter 184.32MHz 40MHz BW (SMD 7.0횞5.0 mm)
TA0289A TAI-SAW-TA0289A Datasheet
474Kb / 7P
   SAW Filter 159.0125MHz SMD 7.0횞5.0 mm
TA0395A TAI-SAW-TA0395A Datasheet
471Kb / 6P
   SAW Filter 159.1625MHz SMD 7.0횞5.0 mm
TA0378A TAI-SAW-TA0378A Datasheet
462Kb / 5P
   SAW Filter 184MHz SMD 7.0횞5.0 mm
TA0377A TAI-SAW-TA0377A Datasheet
464Kb / 5P
   SAW Filter 169MHz SMD 7.0횞5.0 mm
TB1193A TAI-SAW-TB1193A Datasheet
210Kb / 7P
   SAW Filter 156.25MHz (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com