Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC716P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC716P
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DAC716P Datasheet HTML 1Page - Burr-Brown (TI) DAC716P Datasheet HTML 2Page - Burr-Brown (TI) DAC716P Datasheet HTML 3Page - Burr-Brown (TI) DAC716P Datasheet HTML 4Page - Burr-Brown (TI) DAC716P Datasheet HTML 5Page - Burr-Brown (TI) DAC716P Datasheet HTML 6Page - Burr-Brown (TI) DAC716P Datasheet HTML 7Page - Burr-Brown (TI) DAC716P Datasheet HTML 8Page - Burr-Brown (TI) DAC716P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
DAC716
SPECIFICATIONS
At TA = +25°C, +VCC = +15V, –VCC = –15V, unless otherwise noted.
StraightBinary
DAC716P, U
DAC716PB, UB
DAC716PK, UK
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error
±4
±2
±2
LSB
TMIN to TMAX
±8
±4
±2
LSB
Differential Linearity Error
±4
±2
±2
LSB
T
MIN to TMAX
±8
±4
±2
LSB
Monotonicity
14
15
15
Bits
Monotonicity Over Spec Temp Range
13
14
15
Bits
Gain Error(3)
±0.1
TT
%
T
MIN to TMAX
±0.25
TT
%
Unipolar Zero Error(3)
±0.1
TT
% of FSR(2)
TMIN to TMAX
±0.2
TT
% of FSR
Power Supply Sensitivity of Gain
±0.003
TT
%FSR/%VCC
±30
TT
ppm FSR/%V
CC
DYNAMIC PERFORMANCE
Settling Time
(to
±0.003%FSR, 5kW || 500pF Load)(4)
20V Output Step
6
10
TT
T
T
µs
1LSB Output Step(5)
4
TT
µs
Output Slew Rate
10
TT
V/
µs
Total Harmonic Distortion
0dB, 1001Hz, fS = 100kHz
0.005
TT
%
–20dB, 1001Hz, fS = 100kHz
0.03
TT
%
–60dB, 1001Hz, f
S = 100kHz
3.0
TT
%
SINAD: 1001Hz, fS = 100kHz
87
TT
dB
Digital Feedthrough(5)
2
TT
nV–s
Digital-to-Analog Glitch Impulse(5)
15
TT
nV–s
Output Noise Voltage (includes reference)
120
TT
nV/
√Hz
ANALOG OUTPUT
Output Voltage Range
+VCC, –VCC = ±11.4V
+10
TT
V
Output Current
±5
TT
mA
Output Impedance
0.1
TT
W
Short Circuit to ACOM Duration
Indefinite
TT
REFERENCE VOLTAGE
Voltage
+9.975
+10.000
+10.025
TTT
TT
T
V
TMIN to TMAX
+9.960
+10.040
TT
T
T
V
Output Resistance
1
TT
W
Source Current
2
TT
mA
Short Circuit to ACOM Duration
Indefinite
TT
INTERFACE
RESOLUTION
16
TT
Bits
DIGITAL INPUTS
Serial Data Input Code
Logic Levels(1)
VIH
+2.0
(VCC –1.4)
TT
T
T
V
VIL
0
+0.8
TT
T
T
V
I
IH (VI = +2.7V)
±10
TT
µA
IIL (VI = +0.4V)
±10
TT
µA
DIGITAL OUTPUT
Serial Data
V
OL (ISINK = 1.6mA)
0
+0.4
TT
T
T
V
VOH (ISOURCE = 500µA),TMIN to TMAX
+2.4
+5
TT
T
T
V
POWER SUPPLY REQUIREMENTS
Voltage
+VCC
+11.4
+15
+16.5
TTT
TT
T
V
–VCC
–11.4
–15
–16.5
TTT
TT
T
V
Current (No Load,
±15V Supplies)(6)
+VCC
13
16
TT
T
T
mA
–VCC
22
26
TT
T
T
mA
Power Dissipation(7)
625
TT
mW
TEMPERATURE RANGES
Specification
All Grades
–40
+85
TT
0
+70
°C
Storage
–60
+150
TT
T
T
°C
Thermal Coefficient,
θ
JA
75
TT
°C/W
T Specifications are the same as the grade to the left.
NOTES: (1) Digital inputs are TTL and +5V CMOS compatible over the specification temperature range. (2) FSR means Full Scale Range. For example, for 0 to +10V output, FSR = 10V. (3) Errors externally
adjustable to zero. (4) Maximum represents the 3
σ limit. Not 100% tested for this parameter. (5) For the worst-case Straight Binary code changes: 7FFF to 8000 and 8000 to 7FFF. (6) During power supply
turn on, the transient supply current may approach 3x the maximum quiescent specification. (7) Typical (i.e. rated) supply voltages times maximum currents.


Similar Part No. - DAC716P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716P TI1-DAC716P Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PB TI1-DAC716PB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PBG4 TI1-DAC716PBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PG4 TI1-DAC716PG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716PK TI1-DAC716PK Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Similar Description - DAC716P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com