Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA02040C1000FB200 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MMA02040C1000FB200
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMA02040C1000FB200 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMA02040C1000FB200 Datasheet HTML 1Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 2Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 3Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 4Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 5Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 6Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 7Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 8Page - Vishay Siliconix MMA02040C1000FB200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Professional MELF Resistors
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
14
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MMU 0102, MMA 0204 and MMB 0207 professional thin film
MELF resistors are the perfect choice for most fields of
modern professional electronics where reliability and stability
is of major concern. The typical applications in the fields of
automotive, telecommunication and medical equipment
reflect the outstanding level of proven reliability.
FEATURES
 Approved to EN 140401-803
 AEC-Q200 qualified
 Advanced thin film technology
 Excellent overall stability: Exceeds class 0.25
 Matte Sn termination on Ni barrier layer
 Compliant to RoHS Directive 2011/65/EU
APPLICATIONS
 Automotive
 Telecommunication
 Industrial
 Medical equipment
Notes
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heatflow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature is not exceeded. Furthermore, a
high level of ambient temperature or of power dissipation may raise the temperature of the solder joint, hence special solder alloys or board
materials may be required to maintain the reliability of the assembly.
(2) Specified power rating requires dedicated heat-sink pads.
METRIC SIZE
DIN
0102
0204
0207
CECC
RC 2211M
RC 3715M
RC 6123M
TECHNICAL SPECIFICATIONS
DESCRIPTION
MMU 0102
MMA 0204
MMB 0207
CECC size
RC 2211M
RC 3715M
RC 6123M
Resistance range
0.22
 to 2.21 M; 0 
0.22
 to 10 M; 0 
0.1
 to 15 M; 0 
Resistance tolerance
± 5 %; ± 2 %; ± 1 %; ± 0.5 %
± 5 %; ± 1 %; ± 0.5 %
± 5 %; ± 2 %; ± 1 %; ± 0.5 %
Temperature coefficient
± 50 ppm/K; ± 25 ppm/K
± 100 ppm/K; ± 50 ppm/K;
± 25 ppm/K
Operation mode
Standard
Power
Standard
Power
Standard
Power
Rated dissipation,
P70 (1)
0.2 W
0.3 W
0.25 W
0.4 W
0.4 W
1.0 W (2)
Operating voltage,
Umax. AC/DC
150 V
200 V
300 V
Permissible film temperature,
F max.
125 °C
155 °C
125 °C
155 °C
125 °C
155 °C
Operating temperature range
- 55 °C
to 125 °C
- 55 °C
to 155 °C
- 55 °C
to 125 °C
- 55 °C
to 155 °C
- 55 °C
to 125 °C
- 55 °C
to 155 °C
Max. resistance change at
P70
for resistance range,
R/R max., after:
0.22
 to 221 k
0.22
 to 332 k
0.22
 to 1 M
1000 h
 0.15 %
 0.25 %
 0.15 %
 0.25 %
 0.15 %
 0.25 %
8000 h
 0.3 %
 0.5 %
 0.3 %
 0.5 %
 0.3 %
 0.5 %
225 000 h
 1 %
-
 1 %
-
 1 %
-
Permissible voltage
against ambient (insulation):
1 min;
Uins
200 V
300 V
500 V
Continuous
75 V
75 V
75 V
Failure rate: FITobserved
 0.1 x 10-9/h


Similar Part No. - MMA02040C1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1009FB300 VISHAY-MMA02040C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMA02040C1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com