Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMB02070D1000FB200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMB02070D1000FB200
Description  Professional MELF Resistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMB02070D1000FB200 Datasheet(HTML) 3 Page - Vishay Siliconix

  MMB02070D1000FB200 Datasheet HTML 1Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 2Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 3Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 4Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 5Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 6Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 7Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 8Page - Vishay Siliconix MMB02070D1000FB200 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.vishay.com
For technical questions, contact: melf@vishay.com
Document Number: 28713
16
Revision: 05-Mar-12
MMU 0102, MMA 0204, MMB 0207 - Professional
Vishay Beyschlag
Professional MELF Resistors
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION.
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MMB02070D5620DB200
Part Number: MMB02070Z0000ZB200
TYPE/SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MMU0102
MMA0204
MMB0207
0 = EN 140401-803,
“Version A”
D = ± 25 ppm/K
C = ± 50 ppm/K
B = ± 100 ppm/K
Z = Jumper
3 digit value
1 digit multiplier
Multiplier
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
0000 = Jumper
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = Jumper
B3
B0
B2
B7
M3
M8
Product Description: MMB 0207 - 25 0.5 % B2 562R
Product Description: MMB 0207 B2 0R0
MMB
0207
- 25
0.5 %
B2
562R
MMB
0207
-
-
B2
0R0
TYPE
SIZE
TCR
TOLERANCE
PACKAGING
RESISTANCE
MMU
MMA
MMB
0102
0204
0207
± 25 ppm/K
± 50 ppm/K
± 100 ppm/K
± 0.5 %
± 1 %
± 2 %
± 5 %
BL
B0
B2
B7
M3
M8
562R = 562
0R0 = Jumper
PACKAGING
TYPE
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
MMU 0102
B3 = BL
3000
Antistatic blister tape acc.
IEC 60286-3 type II
8 mm
4 mm
180 mm/7"
B0
10 000
330 mm/13"
M8
8000
Bulk case acc.
IEC 60286-6
--
-
MMA 0204
B3 = BL
3000
Antistatic blister tape acc.
IEC 60286-3 type II
8 mm
4 mm
180 mm/7"
B0
10 000
330 mm/13"
M3
3000
Bulk case acc.
IEC 60286-6
--
-
MMB 0207
B2
2000
Antistatic blister tape acc.
IEC 60286-3 type II
12 mm
4 mm
180 mm/7"
B7
7000
330 mm/13"
M
M
B
0
2
0
7
0
D
5
6
2
0
D
B
2
0
0
M
M
B
0
2
0
7
0
Z
0
0
0
0
Z
B
2
0
0


Similar Part No. - MMB02070D1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070D0000DB000 VISHAY-MMB02070D0000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070D0000DB200 VISHAY-MMB02070D0000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070D0000DB300 VISHAY-MMB02070D0000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070D0000FB000 VISHAY-MMB02070D0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMB02070D0000FB200 VISHAY-MMB02070D0000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMB02070D1000FB200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C2203FB300 VISHAY-MMA02040C2203FB300 Datasheet
256Kb / 14P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C3301FB300 VISHAY-MMA02040C3301FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C3003FB300 VISHAY-MMU01020C3003FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1209FB300 VISHAY-MMA02040C1209FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1008FB300 VISHAY-MMA02040C1008FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C1808FB300 VISHAY-MMA02040C1808FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMA02040C4701FB300 VISHAY-MMA02040C4701FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C2202FB300 VISHAY-MMU01020C2202FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU0102 VISHAY-MMU0102 Datasheet
203Kb / 13P
   Professional MELF Resistors
Revision: 18-Jul-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com