Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2E8-150HSMD Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # UN2E8-150HSMD
Description  2-Electrode Gas Discharge Tube (GDT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-150HSMD Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  UN2E8-150HSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
3 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Service Life
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse Life
Part Number
Marking
@100V/S
@100V/
μs
@1KV/
μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
@50Hz
1 Sec
10 times
@10/1000
μs
300 times
UN2E8-420M
UN2E8-420ML
UN2E8-420MSMD
420M
420V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
100A
UN2E8-470M
UN2E8-470ML
UN2E8-470MSMD
470M
470V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
100A
UN2E8-600M
UN2E8-600ML
UN2E8-600MSMD
600M
600V
±20%
1100V
1200V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
100A
UN2E8-800M
UN2E8-800ML
UN2E8-800MSMD
800M
800V
±20%
1200V
1400V
1 G
Ω
(at 100V)
1.5pF
~20V
10KA
20KA
10A
100A
UN2E8-75H
UN2E8-75HL
UN2E8-75HSMD
75H
75V
±20%
500V
600V
1 G
Ω
(at 25V)
1.5pF
~15V
20KA
25KA
20A
200A
UN2E8-90H
UN2E8-90HL
UN2E8-90HSMD
90H
90V
±20%
500V
600V
1 G
Ω
(at 50V)
1.5pF
~15V
20KA
25KA
20A
200A
UN2E8-150H
UN2E8-150HL
UN2E8-150HSMD
150H
150V
±20%
500V
600V
1 G
Ω
(at 50V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-230H
UN2E8-230HL
UN2E8-230HSMD
230H
230V
±20%
600V
700V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-250H
UN2E8-250HL
UN2E8-250HSMD
250H
250V
±20%
700V
800V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-300H
UN2E8-300HL
UN2E8-300HSMD
300H
300V
±20%
800V
900V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-350H
UN2E8-350HL
UN2E8-350HSMD
350H
350V
±20%
800V
900V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-420H
UN2E8-420HL
UN2E8-420HSMD
420H
420V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-470H
UN2E8-470HL
UN2E8-470HSMD
470H
470V
±20%
900V
1000V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-600H
UN2E8-600HL
UN2E8-600HSMD
600H
600V
±20%
1100V
1200V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
UN2E8-800H
UN2E8-800HL
UN2E8-800HSMD
800H
800V
±20%
1200V
1400V
1 G
Ω
(at 100V)
1.5pF
~20V
20KA
25KA
20A
200A
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Electrical Characteristics
(Continue)


Similar Part No. - UN2E8-150HSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-150HSMD UNSEMI-UN2E8-150HSMD Datasheet
3Mb / 8P
   Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
More results

Similar Description - UN2E8-150HSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350H SOCAY-UN2E8-350H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350MSMD SOCAY-UN2E8-350MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-420HSMD SOCAY-UN2E8-420HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600HL SOCAY-UN2E8-600HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com