Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBPMANS100PAUNV Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # NBPMANS100PAUNV
Description  Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

NBPMANS100PAUNV Datasheet(HTML) 2 Page - Honeywell Accelerometers

  NBPMANS100PAUNV Datasheet HTML 1Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 2Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 3Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 4Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 5Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 6Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 7Page - Honeywell Accelerometers NBPMANS100PAUNV Datasheet HTML 8Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.honeywell.com/sensing
FEATURES AND BENEFITS
Small Size: Package size (as small as 7 mm x 7 mm
[0.276 in x 0.276 in]) is very small when compared to most
board mount pressure sensors, occupying less space on
the PCB and typically allowing for easy placement on
crowded PCBs or in small devices
Durable: Many features allow for use in tough
environments, including:
– Wide operating temperature range from -40 °C to
125 °C [-40 °F to 257 °F]
– Media compatibility options:
o
Non-gel coating: The input port is limited to non-
corrosive, non-ionic media such as dry air and
gases and should not be exposed to
condensation; the gases are limited to media that
are compatible with high temperature polyamide,
silicone, alumina ceramic, silicon, gold, and glass
o
Gel coating: Uses the same materials in the
wetted media path but is protected from
condensation by a silicone-based gel coating;
allows use in applications where condensation can
occur
– ISO 9001 compliance
Flexible: Numerous package styles, pressure ranges,
housings, gel coating, and porting options simplify
integration into the device manufacturer’s application
Robust: Reflow mounting J-STD-020D, MSL 1 and rapid
stabilization after reflow soldering allow calibration
immediately after mounting
POTENTIAL APPLICATIONS
Medical:
Hospital beds
Oxygen concentrators
Wound therapy
Blood pressure
monitoring
Industrial:
HVAC Transmitters
Air movement control
Environmental control
Level indicators
Leak detection
Industrial controls
Pneumatic controls
Other commercial
applications
Table 1. Absolute Maximum Ratings
1
Parameter
Min.
Max.
Unit
Supply voltage (Vsupply)
-12.0
12.0
Vdc
ESD susceptibility (human body model)
2
kV
Storage temperature
-40 [-40]
125 [257]
C [ F]
Soldering time and temperature:
lead solder temperature ( DIP)
peak reflow temperature (Leadless SMT, SMT)
4 s max. at 250 °C [482 °F]
15 s max. at 250 °C [482 °F]
Table 2. Operating Specifications
Parameter
Min.
Typ.
Max.
Unit
Supply voltage (Vsupply)
2
1.8
5.0
3
12.0
Vdc
Supply current (at 5.0 Vdc supply)
1.5
2.5
mA
Specified temperature range
4
-40 [-40]
125 [257]
C [ F]
Accuracy
5
0.25
%FSS BFSL
6
Input resistance
2.4
3.0
5.5
kOhm
Thermal effect on resistance (TCR)
7
1200
3200
ppm/ C
Table 3. Environmental Specifications
Parameter
Characteristic
Humidity:
all external surfaces
internal surfaces of gel coating option
internal surfaces of non-gel coating option
0 %RH to 95 %RH, non-condensing
0 %RH to 100 %RH, condensing
0 %RH to 95 %RH, non-condensing
Vibration
MIL-STD-202F, Method 214A, Condition 1E (15 g, 10 Hz to 2 kHz)
Shock
MIL-STD-202F, Method 213B, Condition F (100g, 6 ms duration)
Life
8
1 million pressure cycles min.
ESD
MIL-STD-883 Method 3015.7, Class 2, 2kV, human body model
Solder reflow
J-STD-020D, MSL 1, unlimited storage life


Similar Part No. - NBPMANS100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPMANS001BAUNV HONEYWELL-ACC-NBPMANS001BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANS001BGUNV HONEYWELL-ACC-NBPMANS001BGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANS004BAUNV HONEYWELL-ACC-NBPMANS004BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANS004BGUNV HONEYWELL-ACC-NBPMANS004BGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
NBPMANS006BAUNV HONEYWELL-ACC-NBPMANS006BAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
More results

Similar Description - NBPMANS100PAUNV

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
NBPDLNN060PAUNV HONEYWELL-ACC-NBPDLNN060PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
NBPDANN150PAUNV HONEYWELL-NBPDANN150PAUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Sensortechnics GmbH
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0050D2 SENSORTECHNICS-24PC0050D2 Datasheet
55Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
   Unamplified, uncompensated pressure sensors
logo
Honeywell Accelerometer...
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
All Sensors Corporation
DS-0165 ASC-DS-0165 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
DS-01651 ASC-DS-01651 Datasheet
323Kb / 2P
   Surface Mount Basic Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com