Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2E6-600LSMD Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # UN2E6-600LSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E6-600LSMD Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN2E6-600LSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E6-600LSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E6-600LSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E6-600LSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E6-600LSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
2 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E6-SMD Series
SOCAY Electronics Co., Ltd.
www.socay.com
Service Life
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse
Life
Part Number
@100V/S
@100V/
μs @1KV/μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
@50Hz
1 Sec
10 times
@10/1000
μs
300 times
UN2E6-75LSMD
75V
±20%
500V
650V
1 G
Ω
(at 25V DC)
1.0pF
~15V
5KA
10KA
5A
100A
UN2E6-90LSMD
90V
±20%
500V
650V
1 G
Ω
(at 50V DC)
1.0pF
~15V
5KA
10KA
5A
100A
UN2E6-150LSMD
150V
±20%
500V
650V
1 G
Ω
(at 50V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-230LSMD
230V
±20%
600V
700V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-300LSMD
300V
±20%
700V
800V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-350LSMD
350V
±20%
700V
800V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-400LSMD
400V
±20%
800V
900V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-470LSMD
470V
±20%
900V
1000V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
UN2E6-600LSMD
600V
±20%
1100V
1200V
1 G
Ω
(at 100V DC)
1.0pF
~20V
5KA
10KA
5A
100A
Notes:
1. Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2. At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Device Dimensions
(Unit: mm)
Electrical Characteristics
Recommended pad outline


Similar Part No. - UN2E6-600LSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E6-600LSMD SOCAY-UN2E6-600LSMD Datasheet
267Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E6-600LSMD UNSEMI-UN2E6-600LSMD Datasheet
3Mb / 6P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E6-600LSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN1812-300CSMD SOCAY-UN1812-300CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-SMD SOCAY-UN2E6-SMD Datasheet
267Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-350CSMD SOCAY-UN1812-350CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com