Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2K8-350L Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # UN2K8-350L
Description  Switching Spark Gap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2K8-350L Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  UN2K8-350L Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2K8-350L Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2K8-350L Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2K8-350L Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2K8-350L Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Switching Spark Gap
Revision October 18, 2013
3 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2K8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
UN2K8-450L
UN2K8-450
UN2K8-450SMD
UN2K8-500L
UN2K8-500
UN2K8-500SMD
UN2K8-600L-1
UN2K8-600-1
UN2K8-600SMD-1
UN2K8-600L
UN2K8-600
UN2K8-600SMD
UN2K8-800L-1
UN2K8-800-1
UN2K8-800SMD-1
UN2K8-800L
UN2K8-800
UN2K8-800SMD
Nominal breakdown voltage
450V
500V
550V
600V
730V
800V
Initial values
2)
Static breakdown voltage
1)
First ignition value after 24
hours in darkness
Following ignition values
≤510V
400~475V
≤570V
450~530V
≤620V
500~585V
≤720V
550~640V
≤850V
640~810V
≤920V
705~860V
Electrical life
3)
Breakdown voltage
After life test first ignition value
after 24 hours in darkness
Following ignition values
≤540V
400~495V
≤600V
450~560V
≤650V
500~620V
≤750V
550~680V
≤900V
640~840V
≤950V
705~900V
Switching operations
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
200000 Ignitions
Life test Circuit
Open Circuit Voltage
V0
Loading Resistance
R
Discharge Capacitance
C
Inductance
L
Discharge Peak Current
IP
550V
10K
Ω
680nF
0.5
μH
~500A
600V
13K
Ω
470nF
0.1
μH
Max.1000A
650V
13K
Ω
470nF
0.1
μH
Max.1000A
750V
13K
Ω
470nF
0.1
μH
Max.1000A
900V
68K
Ω
100nF
0.4
μH
~650A
1000V
68K
Ω
100nF
0.4
μH
~650A
Maximum switching frequency
100Hz
200Hz
200Hz
200Hz
200Hz
200Hz
1). At delivery AQL 0,65 level II, DIN ISO 2859
2). Fig. 1
3). Fig. 2
Fig. 1: Breakdown Voltage Test Circuit
Fig. 2: Electrical Life Test Circuits
VDC Voltage=1000V
Discharge current 10 ~20 mA
P.V.D.
Peak Voltage Detection
DUT
Device Under Test
Electrical Specifications (Continue)
Test Circuit
R
VDC
0.22
μF
DUT
P.V.D.
51K
V
V0
C
L
DUT
V


Similar Part No. - UN2K8-350L

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN2K8-350L UNSEMI-UN2K8-350L Datasheet
3Mb / 7P
   Switching Spark Gap
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2K8-350L-1 SOCAY-UN2K8-350L-1 Datasheet
364Kb / 5P
   Switching Spark Gap
logo
UN Semiconducctor INC
UN2K8-350L-1 UNSEMI-UN2K8-350L-1 Datasheet
3Mb / 7P
   Switching Spark Gap
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2K8-350L-2 SOCAY-UN2K8-350L-2 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
UN Semiconducctor INC
UN2K8-350L-2 UNSEMI-UN2K8-350L-2 Datasheet
3Mb / 7P
   Switching Spark Gap
Revision March 1,2022
More results

Similar Description - UN2K8-350L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B88069X0870T502 EPCOS-B88069X0870T502 Datasheet
84Kb / 2P
   Switching Spark Gap
B88069X0410T502 EPCOS-B88069X0410T502 Datasheet
92Kb / 2P
   Switching Spark Gap
B88069X0260S102 EPCOS-B88069X0260S102 Datasheet
90Kb / 2P
   Switching Spark Gap
B88069X5980T502 EPCOS-B88069X5980T502 Datasheet
95Kb / 5P
   Switching spark gap
logo
Socay Electornics Co., ...
UN2K8-350SMD SOCAY-UN2K8-350SMD Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-350SMD-2 SOCAY-UN2K8-350SMD-2 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-400SMD SOCAY-UN2K8-400SMD Datasheet
364Kb / 5P
   Switching Spark Gap
UN2K8-600SMD SOCAY-UN2K8-600SMD Datasheet
363Kb / 5P
   Switching Spark Gap
UN2K8-350-1 SOCAY-UN2K8-350-1 Datasheet
359Kb / 5P
   Switching Spark Gap
UN2K8-500 SOCAY-UN2K8-500 Datasheet
359Kb / 5P
   Switching Spark Gap
logo
TDK Electronics
B88069X3440S102 TDK-B88069X3440S102 Datasheet
168Kb / 5P
   Switching spark gap
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com