Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1220 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC1220
Description  20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1220 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC1220 Datasheet HTML 1Page - Burr-Brown (TI) DAC1220 Datasheet HTML 2Page - Burr-Brown (TI) DAC1220 Datasheet HTML 3Page - Burr-Brown (TI) DAC1220 Datasheet HTML 4Page - Burr-Brown (TI) DAC1220 Datasheet HTML 5Page - Burr-Brown (TI) DAC1220 Datasheet HTML 6Page - Burr-Brown (TI) DAC1220 Datasheet HTML 7Page - Burr-Brown (TI) DAC1220 Datasheet HTML 8Page - Burr-Brown (TI) DAC1220 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
DAC1220
®
20-Bit Low Power
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q 20-BIT MONOTONICITY GUARANTEED
OVER –40
°C to +85°C
q LOW POWER: 2.5mW
q VOLTAGE OUTPUT
q SETTLING TIME: 2ms to 0.012%
q MAX LINEARITY ERROR:
±0.0015%
q ON-CHIP CALIBRATION
APPLICATIONS
q PROCESS CONTROL
q ATE PIN ELECTRONICS
q CLOSED-LOOP SERVO-CONTROL
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTS
DESCRIPTION
The DAC1220 is a 20-bit digital-to-analog (D/A)
converter offering 20-bit monotonic performance over
the specified temperature range. It utilizes delta-sigma
technology to achieve inherently linear performance
in a small package at very-low power. The resolution
of the device can be programmed to 20 bits for full-
scale, settling to 0.003% within 15ms typical, or 16
bits for full-scale, settling to 0.012% within 2ms max.
The output range is two times the external reference
voltage. On-chip calibration circuitry dramatically re-
duces low offset and gain errors.
The DAC1220 features a synchronous serial interface.
In single-converter applications, the serial interface
can be accomplished with just two wires, allowing
low-cost isolation. For multiple converters, a CS signal
allows for selection of the appropriate D/A converter.
The DAC1220 has been designed for closed-loop
control applications in the industrial process control
market and high-resolution applications in the test and
measurement market. It is also ideal for remote appli-
cations, battery-powered instruments, and isolated sys-
tems. The DAC1220 is available in a SSOP-16
package.
© 1998 Burr-Brown Corporation
PDS-1418B
Printed in U.S.A. April , 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
Clock Generator
Serial
Interface
Second-Order
∆∑
Modulator
Instruction Register
Command Register
Data Register
Offset Register
Full-Scale Register
Microcontroller
First-Order
Switched
Capacitor Filter
Second-Order
Continuous
Time Post Filter
Modulator Control
AV
DD
AGND
X
IN
X
OUT
V
REF
CS
DV
DD
DGND
C
1
C
2
SDIO
V
OUT
SCLK
DAC1220
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI-DAC1220 Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI1-DAC1220 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220-N TI1-DAC1220-N Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

Similar Description - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com