Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1220 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC1220
Description  20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1220 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC1220 Datasheet HTML 5Page - Burr-Brown (TI) DAC1220 Datasheet HTML 6Page - Burr-Brown (TI) DAC1220 Datasheet HTML 7Page - Burr-Brown (TI) DAC1220 Datasheet HTML 8Page - Burr-Brown (TI) DAC1220 Datasheet HTML 9Page - Burr-Brown (TI) DAC1220 Datasheet HTML 10Page - Burr-Brown (TI) DAC1220 Datasheet HTML 11Page - Burr-Brown (TI) DAC1220 Datasheet HTML 12Page - Burr-Brown (TI) DAC1220 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
®
Data Input Register (DIR)
The DIR is a 24-bit register which contains the digital input
value (see Table VIII). The register is latched on the falling
edge of the last bit of the last byte sent. The contents of the
DIR are then loaded into the modulator. This means that the
DIR register can be updated after sending 1, 2, or 3 bytes,
which is determined by the MB1 and MB0 bits in the
Instruction Register. The contents of the DIR can be Offset
Two’s Complement or Straight Binary.
Offset Calibration Register (OCR)
The OCR is a 24-bit register containing the offset correction
factor that is used to apply a correction to the digital input
before it is transferred to the modulator. The results of the
self-calibration process will be written to this register.
The OCR is both readable and writable via the serial inter-
face. For applications requiring a more accurate calibration,
a calibration can be performed, the results averaged, and a
more precise offset calibration value written back to the
OCR.
The actual OCR value after calibration will change from part
to part and with configuration, temperature, and power supply.
In addition, be aware that the contents of the OCR are not
used to directly correct the digital input. Rather, the correc-
tion is a function of the OCR value. This function is linear
and two known points can be used as a basis for interpolat-
ing intermediate values for the OCR.
The results of calibration are averaged, Offset Two's Comple-
ment adjusted, and placed in the OCR.
MSB (Bit Order) Bit—The MSB bit controls the order in
which bits within a byte of data are read or written (either
most significant bit first or least significant bit first) as
follows:
MD1 - MD0 (Operating Mode) Bits—The Operating Mode
bits control the calibration functions of the DAC1220. The
Normal mode is used to perform conversions. The Self-
Calibration mode is a one-step calibration sequence that
calibrates both the offset and full scale.
MSB
Byte 2
OCR23
OCR22
OCR21
OCR20
OCR19
OCR18
OCR17
OCR16
Byte 1
OCR15
OCR14
OCR13
OCR12
OCR11
OCR10
OCR9
OCR8
Byte 0
LSB
OCR7
OCR6
OCR5
OCR4
OCR3
OCR2
OCR1
OCR0
TABLE VI. Offset Calibration Register.
MSB
Byte 2
FCR23
FCR22
FCR21
FCR20
FCR19
FCR18
FCR17
FCR16
Byte 1
FCR15
FCR14
FCR13
FCR12
FCR11
FCR10
FCR9
FCR8
Byte 0
LSB
FCR7
FCR6
FCR5
FCR4
FCR3
FCR2
FCR1
FCR0
TABLE VII. Full-Scale Calibration Register.
MSB
Byte 2
DIR23
DIR22
DIR21
DIR20
DIR19
DIR18
DIR17
DIR16
Byte 1
DIR15
DIR14
DIR13
DIR12
DIR11
DIR10
DIR9
DIR8
Byte 0
LSB
DIR7
DIR6
DIR5
DIR4
DIR3
DIR2
DIR1
DIR0
TABLE VIII. Data Input Register.
Full-Scale Calibration Register (FCR)
The FCR is a 24-bit register which contains the full-scale
correction factor that is applied to the digital input before it
is transferred to the modulator. The contents of this register
will be the result of a self-calibration, or written to by the
user.
The FCR is both readable and writable via the serial inter-
face. For applications requiring an accurate system calibra-
tion, a system calibration can be performed, the results
averaged, and a more precise value written back to the FCR.
The actual FCR value after calibration will change from part
to part and with configuration, temperature, and power
supply.
In addition, be aware that the contents of the FCR are not
used to directly correct the digital input. Rather, the correc-
tion is a function of the FCR value. This function is linear
and two known points can be used as a basis for interpolat-
ing intermediate values for the FCR. The contents of the
FCR are in unsigned binary format. This is not affected by
the DF bit in the Command register.
MSB
0
MSB-First
Default
1
LSB-First
MD1
MD0
0
0
Normal Mode
0
1
Self-Cal
1
0
Sleep
11
X


Similar Part No. - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI-DAC1220 Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI1-DAC1220 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220-N TI1-DAC1220-N Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

Similar Description - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com