Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1220 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC1220
Description  20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1220 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC1220 Datasheet HTML 3Page - Burr-Brown (TI) DAC1220 Datasheet HTML 4Page - Burr-Brown (TI) DAC1220 Datasheet HTML 5Page - Burr-Brown (TI) DAC1220 Datasheet HTML 6Page - Burr-Brown (TI) DAC1220 Datasheet HTML 7Page - Burr-Brown (TI) DAC1220 Datasheet HTML 8Page - Burr-Brown (TI) DAC1220 Datasheet HTML 9Page - Burr-Brown (TI) DAC1220 Datasheet HTML 10Page - Burr-Brown (TI) DAC1220 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
®
DIGITAL OPERATION
SYSTEM CONFIGURATION
The DAC1220 is controlled by 8-bit instruction codes (INSR)
and 16-bit command codes (CMR) via the serial interface,
which is externally clocked.
The DAC1220 Microcontroller (MC) consists of an ALU
and a register bank. The MC has three states: power-on reset,
calibration, and normal operation. In the power-on reset
state, the MC resets all the registers to their default states. In
the calibration state, the MC performs offset and gain self-
calibration. In the normal state, the MC performs D/A
conversions.
The DAC1220 has five internal registers, as shown in
Table II. Two of these, the Instruction Register (INSR) and
the Command Register (CMR), control the operation of the
converter. The Instruction register utilizes an 8-bit instruc-
tion code to control the serial interface to determine whether
the next operation is either a read or a write, to control the
word length and to select the appropriate register to
read/write. Communication with the DAC1220 is controlled
via the INSR. The INSR is written as the first part of each
serial communication. The instruction that is sent determines
what type of communication will occur next. It is not
possible to read the INSR. The Command register has a 16-
bit command code to set up the DAC1220 operation mode,
resolution mode, settling mode and data format. The Data
Input Register (DIR) contains the value for the next conver-
sion. The Offset and Full-Scale Calibration Registers (OCR
and FCR) contain data used for correcting the internal
conversion value after it is placed into the DIR. The data in
these two registers may be the result of a calibration routine,
or they may be values which have been written directly via
the serial interface.
A3 – A0 (Address) Bits—These four bits select the begin-
ning register location that will be read from or written to, as
shown in Table III. Each subsequent byte will be read from
or written to the next higher location (increment address).
If the BD bit in the Command register is set, each subse-
quent byte will be read from or written to the next lower
location (decrement address). This bit does not affect INSR
register or the write operation for the CMR register. If the
next location is reserved in Table III, the results are un-
known. Reading or writing continues until the number of
bytes specified by MB1 and MB0 have been transferred.
Instruction Register (INSR)
Each serial communication starts with the 8 bits of the INSR
being sent to the DAC1220. The read/write bit, the number
of bytes n, and the starting register address are defined, as
shown in Table III. When the n bytes have been transferred,
the instruction is complete. A new communication cycle is
initiated by sending a new INSR (under restrictions outlined
in the Interfacing section).
R/W (Read/Write) Bit—For a write operation to occur, this
bit of the INSR must be 0. For a read, this bit must be 1, as
follows:
TABLE III. Instruction Register.
MSB
LSB
R/W
MB1
MB0
0
A3
A3
A1
A0
MB1, MB0 (Multiple Bytes) Bits—These two bits are used
to control the word length (number of bytes) of the read or
write operation, as follows:
INSR
Instruction Register
8 Bits
DIR
Data Input Register
24 Bits
CMR
Command Register
16 Bits
OCR
Offset Calibration Register
24 Bits
FCR
Full-Scale Calibration Register
24 Bits
TABLE II. DAC1220 Registers.
MB1
MB0
0
0
1 Byte
0
1
2 Bytes
1
0
3 Bytes
R/W
0
Write
1
Read
A3
A2
A1
A0
0
0
0
0
Data Input Register Byte 2 MSB
0
0
0
1
Data Input Register Byte 1
0
0
1
0
Data Input Register Byte 0 LSB
0
0
1
1
Reserved
0
1
0
0
Command Register Byte 1 MSB
0
1
0
1
Command Register Byte 0 LSB
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Offset Cal Register Byte 2 MSB
1
0
0
1
Offset Cal Register Byte 1
1
0
1
0
Offset Cal Register Byte 0 LSB
1
0
1
1
Reserved
1
1
0
0
Full-Scale Cal Register Byte 2 MSB
1
1
0
1
Full-Scale Cal Register Byte 1
1
1
1
0
Full-Scale Cal Register Byte 0 LSB
1
1
1
1
Reserved
TABLE IV. A3 - A0 Addressing.


Similar Part No. - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI-DAC1220 Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220 TI1-DAC1220 Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220-N TI1-DAC1220-N Datasheet
307Kb / 16P
[Old version datasheet]   10-Bit Binary Multiplying D/A Converter
DAC1220E TI1-DAC1220E Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

Similar Description - DAC1220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com