Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE2126E Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2126E
Description  Dual HDSL/SDSL ANALOG FRONT END
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2126E Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button AFE2126E Datasheet HTML 3Page - Burr-Brown (TI) AFE2126E Datasheet HTML 4Page - Burr-Brown (TI) AFE2126E Datasheet HTML 5Page - Burr-Brown (TI) AFE2126E Datasheet HTML 6Page - Burr-Brown (TI) AFE2126E Datasheet HTML 7Page - Burr-Brown (TI) AFE2126E Datasheet HTML 8Page - Burr-Brown (TI) AFE2126E Datasheet HTML 9Page - Burr-Brown (TI) AFE2126E Datasheet HTML 10Page - Burr-Brown (TI) AFE2126E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
®
AFE2126
Data is transmitted and received in synchronization with the
48x transmit and receive clocks (tx48xCLK and rx48xCLK).
There are 48-bit times in each baud period. Data In is
received in the first 16 bits of each baud period. The
remaining 32-bit periods are not used for Data In. Data Out
is transmitted during the first 16 bits of the baud period. A
second interpolated value is transmitted in subsequent bits of
the baud period.
txbaudCLK: The transmit data baud rate generated by the
DSP. It is 392kHz for T1 or 584kHz for E1. It may vary from
32kHz (64kbps) to 584kHz (1.168Mbps).
tx48xCLK: The transmit pulse former oversampling sam-
pling clock generated by the DSP. It is 48x the transmit
symbol rate or 28.032MHz for 584kHz symbol rate. This
clock should run continuously.
Data In: This is a 16-bit output data word sent from the DSP
to the AFE. The sixteen bits include tx symbol information
and other control bits, as described below. The data should
be clocked out of the DSP on the falling edge and should be
valid on the rising edge of the tx48xCLK. The AFE2126
reads Data In on the rising edge of the tx48xCLK. The bits
are defined in Table I. Data In is read by the AFE2126
during the first 16 bits periods of each baud period. Only the
first 8 bits are used in the AFE2126. The second 8 bits are
reserved for use in the future products. The remaining 32
bits periods of the baud period are not used for Data In.
Data In Bits
tx Enable Signal—This bit controls the tx Symbol defini-
tion bits. If this bit is 0, only a 0 symbol is transmitted
regardless of the state of the tx Symbol definition bits. If this
bit is 1, the tx Symbol definition bits determine the output
symbol.
tx Symbol Definition—These two bits determine the output
2B1Q symbol transmitted.
FIGURE 4. Receive Timing Diagram.
FIGURE 3. Data In Word.
1
MSB
LSB
23
1
9
Reserved
Loopback
rx Gain
tx Symbol
tx Enable
Data Out
from AFE2126
rx48xCLK
from DSP
rxbaudCLK
from DSP
MSB
Bit 15
LSB
Bit 0
MSB
Bit 15
LSB
Bit 0
Data 1a
Interdata 8 Bits
Data 1
Data 2
Interdata 8 Bits
MSB
Bit 15
4ns
48
1
14
1516
1723
2425
26
39
40
4748
1
4ns
4ns
4ns
t
rx1
A
B
Receive Timing Notes: (1) A baud period consists of 48 periods of the tx48xCLK. (2) The falling edge of the rxbaudCLK
can occur anywhere in area A. The rising edge can occur anywhere in area B. However, neither edge of the
rxbaudCLK can occur within 4ns (on either side) of any rising edge of rx48xCLK. (3) For all data bits after the MSB of
Data 1, the AFE2126 transfers Data Out on the falling edge of the rx48xCLK. The time from the falling edge of
rx48xCLK until Data Out is stable is t
rx1.
(4) The AFE2126 transfers the MSB of Data 1 on the falling edge of rxbaudCLK. If the falling edge of rxbaudCLK is
synchronized with the falling edge of rx48xCLK, all of the Data Out bits will be the same width. In any case, the time
from the falling edge of rxbaudCLK until the MSB of Data 1 is stable is t
rx1.
min
9ns
t
rx1
max
14ns


Similar Part No. - AFE2126E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
logo
Texas Instruments
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2124E BURR-BROWN-AFE2124E Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
logo
Texas Instruments
AFE2124E/1K TI1-AFE2124E/1K Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
AFE2124E/1KG4 TI1-AFE2124E/1KG4 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
More results

Similar Description - AFE2126E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com