Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE2124E Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE2124E
Description  Dual HDSL/SDSL ANALOG FRONT END
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE2124E Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button AFE2124E Datasheet HTML 2Page - Burr-Brown (TI) AFE2124E Datasheet HTML 3Page - Burr-Brown (TI) AFE2124E Datasheet HTML 4Page - Burr-Brown (TI) AFE2124E Datasheet HTML 5Page - Burr-Brown (TI) AFE2124E Datasheet HTML 6Page - Burr-Brown (TI) AFE2124E Datasheet HTML 7Page - Burr-Brown (TI) AFE2124E Datasheet HTML 8Page - Burr-Brown (TI) AFE2124E Datasheet HTML 9Page - Burr-Brown (TI) AFE2124E Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
AFE2124
THEORY OF OPERATION
The AFE2124 has two HDSL Analog Front End (AFE)
circuits on chip (channel A and channel B). Each AFE is
functionally equivalent to an AFE1124. Each AFE consists
of a transmit and a receive channel which interfaces to a
HDSL DSP through a six-wire serial interface—three wires
for the transmit channel and three wires for the receive
channel. It interfaces to the HDSL telephone line trans-
former and external compromise hybrid through transmit
and receive analog connections.
The transmit channel consists of a switched-capacitor pulse
forming network followed by a differential line driver. The
pulse-forming network receives 2-bit digital symbol data
and generates a filtered 2B1Q analog output waveform. The
differential line driver uses a composite output stage com-
bining class B operation (for high efficiency driving large
signals) with class AB operation (to minimize crossover
distortion).
The receive channel is designed around a fourth-order delta
sigma analog-to-digital converter. It includes a difference
amplifier designed to be used with an external compromise
hybrid for first-order analog echo cancellation. A program-
mable gain amplifier with gains of 0dB to +12dB is also
included. The delta sigma modulator, operating at a 24x
FIGURE 2. Transmit Timing Diagram.
oversampling ratio, produces a 14-bit output at rates up to
584kHz (1.168Mbps).
The receive channel operates by summing the two differen-
tial inputs, one from the line (rxLINE) and the other from the
compromise hybrid (rxHYB). The connection of these two
inputs so that the hybrid signal is subtracted from the line
signal is described in the paragraph titled “Echo Cancella-
tion in the AFE.” The equivalent gain for each input in the
difference amp is one. The resulting signal then passes to a
programmable gain amplifier which can be set for gains of
0dB through +12dB. Following the PGA, the ADC converts
the signal to a 14-bit digital word.
The serial interface consists of three wires for transmit and
three wires for receive. The three-wire transmit interface is
transmit baud rate clock, transmit 48x oversampling clock
and Data Out. The three-wire receive interface is receive
baud rate clock, receive 48x oversampling clock and Data
In. The transmit and receive clocks are supplied to the
AFE2124 from the DSP and are completely independent.
DIGITAL DATA INTERFACE
Data is received by the AFE2124 from the DSP on the Data
In line. Data is transmitted from the AFE2124 to the DSP on
the Data Out line. The following paragraphs describe the
timing of these signals and data structure.
FIGURE 1. DSP Interface.
HDSL
DSP
1/2
AFE2124
rxbaudCLK
rx48xCLK
Data Out
txbaudCLK
tx48xCLK
Data In
Data In
from DSP
tx48xCLK
from DSP
txbaudCLK
from DSP
4ns
MSB
Bit 15
48
1
2
3
4
15
16
47
48
1
LSB
Bit 0
MSB
Bit 15
4ns
4ns
4ns
AB
Transmit Timing Notes: (1) A baud period consists of 48 periods of the tx48xCLK. (2) The falling edge of the txbaudCLK
can occur anywhere in area A. The rising edge can occur anywhere in area B. However, neither edge of the txbaudCLK
can occur within 4ns (on either side) of any rising edge of tx48xCLK. (3) The AFE2124 reads Data In on the rising edge
of the tx48xCLK. Data In must be stable at least 4ns before the rising edge of tx48xCLK and it must remain stable at
least 4ns after the rising edge of tx48xCLK. (4) Symbol data is transferred to the transmit pulse former after the LSB is
read. The output analog symbol data reaches the peak of the symbol approximately 24 tx48xCLK periods later.


Similar Part No. - AFE2124E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE2124E/1K TI1-AFE2124E/1K Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
AFE2124E/1KG4 TI1-AFE2124E/1KG4 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
More results

Similar Description - AFE2124E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
logo
Texas Instruments
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1203 BURR-BROWN-AFE1203 Datasheet
193Kb / 10P
   2Mbps, Single Pair HDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com