Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRS25000C7681FC100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MRS25000C7681FC100
Description  Professional Leaded Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MRS25000C7681FC100 Datasheet(HTML) 1 Page - Vishay Siliconix

  MRS25000C7681FC100 Datasheet HTML 1Page - Vishay Siliconix MRS25000C7681FC100 Datasheet HTML 2Page - Vishay Siliconix MRS25000C7681FC100 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: filmresistors.leaded@vishay.com
Document Number: 28724
32
Revision: 20-Feb-08
MRS16, MRS25
Vishay BCcomponents
Professional Leaded Resistors
DESCRIPTION
A homogeneous film of metal alloy is deposited on a high
grade ceramic body. After a helical groove has been cut in
the resistive layer, tinned connecting wires of electrolytic
copper are welded to the end-caps. The resistors are coated
with lacquer which provides electrical, mechanical, and
climatic protection. Four or five colour code rings designate
the resistance value and tolerance according to IEC 60 062.
Suitable
replacements
for
MRS16
and
MRS25
are
MBA/SMA 0204 and MBB/SMA 0207 professional.
FEATURES
Professional resistors in small outlines
• Low noise
• Lead (Pb)-free solder contacts
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compatible with “Restriction of the use of Hazardous
Substances” (RoHS) directive 2002/95/EC (issue 2004)
APPLICATIONS
• All general purpose applications
TECHNICAL SPECIFICATIONS
DESCRIPTION
VALUE
MRS16
MRS25
Resistance Range
4.99
Ω to1MΩ
1
Ω to 10 MΩ
Resistance Tolerance and Series
± 1 %; E24/E96 series
Maximum Dissipation at Tamb =70 °C
0.4 W
0.6 W
Thermal Resistance (
Rth)
170 K/W
150 K/W
Temperature Coefficient
± 50 ppm/K
Maximum Permissible Voltage (DC or RMS)
200 V
350 V
Basic Specifications
IEC 60115-1 and 60115-2
Climatic Category (IEC 60068)
55/155/56
Max. Resistance Change for Resistance Range,
ΔR max., After:
Load:
R
≤ 100 kΩ
± (0.5 %
R +0.05
Ω)
± (0.5 %
R +0.05
Ω)
R >100 k
Ω
± (1 %
R +0.05
Ω)
± (0.5 %
R +0.05
Ω)
Climatic Tests:
R
≤ 100 kΩ
± (0.5 %
R +0.05
Ω)
±
(0.5 % R +0.05 Ω)
R >100 k
Ω
± (1 %
R +0.05
Ω)
± (0.5 %
R +0.05
Ω)
Soldering:
R
≤ 100 kΩ
± (0.1 %
R +0.05
Ω)
±
(0.1 % R +0.05 Ω)
R >100 k
Ω
± (0.25 %
R +0.05
Ω)
±
(0.1 % R +0.05 Ω)
Short Time Overload
± (0.25 %
R +0.05
Ω)
±
(0.25 % R +0.05 Ω)
PACKAGING
MODEL
REEL
BOX
PIECES/REEL
CODE
PIECES/BOX
CODE
MRS16
5000
RP
1000
5000
C1
CT
MRS25
5000
RP
1000
5000
C1
CT


Similar Part No. - MRS25000C7681FC100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1003FC100 VISHAY-MRS25000C1003FC100 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MRS25000C1003FRP00 VISHAY-MRS25000C1003FRP00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MRS25000C3011FC100 VISHAY-MRS25000C3011FC100 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
More results

Similar Description - MRS25000C7681FC100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com