Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1144E Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1144E
Description  HDSL/MDSL ANALOG FRONT END
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1144E Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button AFE1144E Datasheet HTML 3Page - Burr-Brown (TI) AFE1144E Datasheet HTML 4Page - Burr-Brown (TI) AFE1144E Datasheet HTML 5Page - Burr-Brown (TI) AFE1144E Datasheet HTML 6Page - Burr-Brown (TI) AFE1144E Datasheet HTML 7Page - Burr-Brown (TI) AFE1144E Datasheet HTML 8Page - Burr-Brown (TI) AFE1144E Datasheet HTML 9Page - Burr-Brown (TI) AFE1144E Datasheet HTML 10Page - Burr-Brown (TI) AFE1144E Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
AFE1144
Loopback Control—This bit controls the operation of
loopback. When enabled (logic 1), the rxLINE+ and rxline–
inputs are disconnected from the AFE. The rxHYB+ and
rxHYB– inputs remain connected. When disabled, the
rxLINE+ and rxLINE– inputs are connected.
txBoost—This bit controls the addition of 0.5dB additional
power to the output line driver.
BIT
DESCRIPTION
BIT STATE
OUTPUT STATE
15 (MSB)
tx Enable Signal
0
AFE Transmits a 0 Symbol
1
AFE Transmits HDSL Symbol
as defined by bits 14 and 13
14 and 13
tx Symbol
00
–3 Transmit Symbol
Definition
01
–1 Transmit Symbol
11
+1 Transmit Symbol
10
+3 Transmit Symbol
12 - 10
rx Gain Settings
000
rx gain in AFE 0dB
001
rx gain in AFE 3dB
010
rx gain in AFE 6dB
011
rx gain in AFE 9dB
100
rx gain in AFE 12dB
101
rx gain in AFE Reserved
110
rx gain in AFE Reserved
111
rx gain in AFE Reserved
9
Loopback Control
1
Loopback Mode
0
Normal Operation
8
tx Boost
0
Normal Transmit Power
1
+0.5dB Transmit Power Boost
7 - 0
SPARE
NA
TABLE I. Data In.
rxbaudCLK: This is the receive data baud rate (symbol
clock), generated by the DSP. It is 392kHz for T1 or 584kHz
for E1. It can vary from 32kHz (64kbps) to 584kHz
(1.168Mbps).
rx48xCLK: This is the A/D converter over-sampling clock,
generated by the DSP. It is 48x the receive symbol rate or
28.032MHz for 584kHz symbol rate. This clock should run
continuously.
Data Out: This is the 14-bit A/D converter output data (+2
spare bits) sent from the AFE to the DSP. The 14 bits from
the A/D Converter will be the upper bits of the 16-bit word
(bits 15-2). The spare bits (1 and 0) will be always be low.
Eight additional (interdata) bits follow which are always
high. The data is clocked out on the falling edge of rx48xCLK.
The bandwidth of the A/D converter decimation filter is
equal to one half of the symbol rate. The nominal output rate
of the A/D converter is one conversion per symbol period.
For more flexible post processing, there is a second interpo-
lated A/D conversion available in each symbol period. In
Figure 4, the first conversion is shown as Data 1 and the
second conversion is shown as Data 1a. It is suggested that
rxbaudCLK is used with the rx48xCLK to read Data 1 while
Data 1a is ignored. However, either or both outputs may be
used for more flexible post-processing.
DATA
BITS
Data 1
16
Interdata Bits
8
Data 1a
16
Interdata bits
8
Total Bits/Symbol Period
48
DATA OUT PER SYMBOL PERIOD
MSB
LSB
14
2
Reserved
A/D Converter Data
FIGURE 5. Data Out Word.
ANALOG-TO-DIGITAL CONVERTER DATA
The A/D converter data from the receive channel is coded in
twos complement.
ANALOG INPUT
A/D CONVERTER DATA
MSB
LSB
Positive Full Scale
01111111111111
Mid Scale
00000000000000
Negative Full Scale
10000000000000
ECHO CANCELLATION IN THE AFE
The rxHYB input is subtracted from the rxLINE input for
first order echo cancellation. For correct operation, be cer-
tain that the rxLINE input is connected to the same polarity
signal at the transformer (+ to + and – to –) while the rxHYB
input is connected to opposite polarity through the compro-
mise hybrid (– to + and + to –) as shown in the Basic
Connection Diagram.
SCALABLE TIMING
The AFE1144 scales operation with the clock frequency. All
internal filters and the pulse former change frequency with
the clock speed so that the unit can be used at different
frequencies just by changing the clock speed.
For the receive channel, the digital filtering of the delta
sigma converter scales directly with the clock speed. The
bandwidth of the converter’s decimation filter is always one-
half of the symbol rate. The only receive channel issue in
changing baud rate is the passive single pole anti-alias filter
(see the following section). For systems implementing a
broad range of speeds, selectable cutoff frequencies for the
passive anti-alias filter should be used.


Similar Part No. - AFE1144E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1144E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com