Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1105E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1105E
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1105E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button AFE1105E Datasheet HTML 2Page - Burr-Brown (TI) AFE1105E Datasheet HTML 3Page - Burr-Brown (TI) AFE1105E Datasheet HTML 4Page - Burr-Brown (TI) AFE1105E Datasheet HTML 5Page - Burr-Brown (TI) AFE1105E Datasheet HTML 6Page - Burr-Brown (TI) AFE1105E Datasheet HTML 7Page - Burr-Brown (TI) AFE1105E Datasheet HTML 8Page - Burr-Brown (TI) AFE1105E Datasheet HTML 9Page - Burr-Brown (TI) AFE1105E Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
®
AFE1105
DISCUSSION OF
SPECIFICATIONS
UNCANCELLED ECHO
The key measure of transceiver performance is uncancelled
echo. This measurement is made as shown in the diagram of
Figure 4. The AFE is connected to an output circuit includ-
ing a typical 1:2 line transformer. The line is simulated by a
135
Ω resistor. Symbol sequences are generated by the tester
and applied both to the AFE and to the input of an adaptive
filter. The output of the adaptive filter is subtracted from the
AFE output to form the uncancelled echo signal. Once the
filter taps have converged, the RMS value of the uncancelled
echo is calculated. Since there is no far-end signal source or
additive line noise, the uncancelled echo contains only noise
and linearity errors generated in the transmitter and receiver.
The data sheet value for uncancelled echo is the ratio of the
RMS uncancelled echo (referred to the receiver input through
the receiver gain) to the nominal transmitted signal (13.5dBm
into 135
Ω, or 1.74Vrms). This echo value is measured under
a variety of conditions: with loopback enabled (line input
disconnected); with loopback disabled under all receiver
gain ranges; and with the line shorted (S1 closed in Figure 4).
LAYOUT
The analog front end of an HDSL system has a number of
conflicting requirements. It must accept and deliver digital
outputs at fairly high rates of speed, phase-lock to a high-
speed digital clock, and convert the line input to a high-
precision (14-bit) digital output. Thus, there are really three
sections of the AFE1105: the digital section, the phase-
locked loop, and the analog section.
The power supply for the digital section of the AFE1105 can
range from 3.3V to 5V. This supply should be decoupled to
digital ground with a ceramic 0.1
µF capacitor placed as
close to DGND (pin 12) and DVDD (pin 13) as possible.
Ideally, both a digital power supply plane and a digital
ground plane should run up to and underneath the digital
pins of the AFE1105 (pins 3 through 26). However, DVDD
may be supplied by a wide printed circuit board (PCB) trace.
A digital ground plane underneath all digital pins is strongly
recommended.
The phase-locked loop is powered from PVDD (pin 2) and its
ground is referenced to PGND (pin 1). Note that PVDD must
be in the 4.75V to 5.25V range. This portion of the AFE1105
should be decoupled with both a 10
µF Tantalum capacitor
FIGURE 4. Uncancelled Echo Test Diagram.
rxHYB
N
AFE1105
rxLINE
P
rxLINE
N
REF
N
rxD13 - rxD0
rxHYB
P
txLINE
N
txLINE
P
txDAT
P
100pF
0.01µF
576
1.54k
13
13
5.6
1:2
5.6
0.047µF
150
576
0.047µF
2k
2k
100pF
750
Transmit
Data
Uncancelled
Echo
0.1µF
750
0.1µF
2k
2k
135
S
1


Similar Part No. - AFE1105E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1103E BURR-BROWN-AFE1103E Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1105E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1103 BURR-BROWN-AFE1103 Datasheet
204Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com