Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFE1103 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # AFE1103
Description  HDSL/MDSL ANALOG FRONT END
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

AFE1103 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button AFE1103 Datasheet HTML 2Page - Burr-Brown (TI) AFE1103 Datasheet HTML 3Page - Burr-Brown (TI) AFE1103 Datasheet HTML 4Page - Burr-Brown (TI) AFE1103 Datasheet HTML 5Page - Burr-Brown (TI) AFE1103 Datasheet HTML 6Page - Burr-Brown (TI) AFE1103 Datasheet HTML 7Page - Burr-Brown (TI) AFE1103 Datasheet HTML 8Page - Burr-Brown (TI) AFE1103 Datasheet HTML 9Page - Burr-Brown (TI) AFE1103 Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
®
AFE1103
DISCUSSION OF
SPECIFICATIONS
UNCANCELLED ECHO
The key measure of transceiver performance is uncancelled
echo. This measurement is made as shown in the diagram of
Figure 4. The AFE is connected to an output circuit includ-
ing a typical 1:2 line transformer. The line is simulated by a
135
Ω resistor. Symbol sequences are generated by the tester
and applied both to the AFE and to the input of an adaptive
filter. The output of the adaptive filter is subtracted from the
AFE output to form the uncancelled echo signal. Once the
filter taps have converged, the RMS value of the uncancelled
echo is calculated. Since there is no far-end signal source or
additive line noise, the uncancelled echo contains only noise
and linearity errors generated in the transmitter and receiver.
The data sheet value for uncancelled echo is the ratio of the
RMS uncancelled echo (referred to the receiver input through
the receiver gain) to the nominal transmitted signal (13.5dBm
into 135
Ω, or 1.74Vrms). This echo value is measured under
a variety of conditions: with loopback enabled (line input
disconnected); with loopback disabled under all receiver
gain ranges; and with the line shorted (S1 closed in Figure 4).
POWER DISSIPATION
Approximately 75% of the power dissipation in the AFE1103
is in the analog circuitry, and this component does not
change with clock frequency. However, the power dissipa-
tion in the digital circuitry does decrease with lower clock
frequency. In addition, the power dissipation in the digital
section is decreased when operating from a smaller supply
voltage, such as 3.3V. (The analog supply, AVDD, must
remain in the range 4.75V to 5.25V.)
The power dissipation listed in the specifications section
applies under these normal operating conditions: 5V Analog
Power Supply; 3.3V Digital Power Supply; standard 13.5dBm
delivered to the line; and a pseudo-random equiprobable
sequence of HDSL output pulses. The power dissipation
specifications includes all power dissipated in the AFE1103,
it does not include power dissipated in the external load.
The external power is 16.5dBm, 13.5dBm to the line and
13.5dBm to the impedance matching resistors. The external
load power of 16.5dBm is 45mW. The typical power dissi-
pation in the AFE1103 under various conditions is shown in
Table I.
FIGURE 4. Uncancelled Echo Test Diagram.
TYPICAL POWER
BIT RATE
DISSIPATION
PER AFE1103
DVDD
IN THE AFE1103
(Symbols/sec)
(V)
(mW)
584 (E1)
3.3
250
584 (E1)
5
300
392 (T1)
3.3
240
392 (T1)
5
270
146 (E1/4)
3.3
230
146 (E1/4)
5
245
TABLE I. Typical Power Dissipation.
rxHYB
N
AFE1103
rxLINE
P
rxLINE
N
REF
N
rxD13 - rxD0
rxHYB
P
txLINE
N
txLINE
P
txDAT
P
100pF
0.01µF
576
1.54k
13
13
5.6
1:2
5.6
0.047µF
150
576
0.047µF
2k
2k
100pF
750
Transmit
Data
Uncanceled
Echo
0.1µF
750
0.1µF
2k
2k
135
S
1


Similar Part No. - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1104 BURR-BROWN-AFE1104 Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1105E BURR-BROWN-AFE1105E Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
More results

Similar Description - AFE1103

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
AFE1144 BURR-BROWN-AFE1144 Datasheet
114Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1105 BURR-BROWN-AFE1105 Datasheet
206Kb / 10P
   HDSL/MDSL ANALOG FRONT END
logo
Texas Instruments
AFE1124 TI1-AFE1124 Datasheet
884Kb / 17P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE1104E BURR-BROWN-AFE1104E Datasheet
203Kb / 10P
   HDSL/MDSL ANALOG FRONT END
AFE1124 BURR-BROWN-AFE1124 Datasheet
160Kb / 11P
   HDSL/MDSL ANALOG FRONT END
AFE1115 BURR-BROWN-AFE1115 Datasheet
219Kb / 12P
   HDSL/MDSL ANALOG FRONT END WITH VCXO
logo
Texas Instruments
AFE1115 TI1-AFE1115 Datasheet
183Kb / 14P
[Old version datasheet]   HDSL/MDSL ANALOG FRONT END WITH VCXO
AFE2124 TI1-AFE2124 Datasheet
178Kb / 14P
[Old version datasheet]   Dual HDSL/SDSL ANALOG FRONT END
logo
Burr-Brown (TI)
AFE2126 BURR-BROWN-AFE2126 Datasheet
148Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
AFE2124 BURR-BROWN-AFE2124 Datasheet
187Kb / 11P
   Dual HDSL/SDSL ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com