Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWD2300 Datasheet(PDF) 1 Page - API Technologies Corp

Part # TWD2300
Description  SP3T RF SWITCH MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

TWD2300 Datasheet(HTML) 1 Page - API Technologies Corp

  TWD2300 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+25 ºC
Typical Performance Data
SP3T RF SWITCH
Package: DP10, 16 Pin DIP Package
MODEL
TWD2300
Features




10 - 2000 MHz




Fast Switching Speed: 55 ns Typical (GaAs)




Integral TTL Driver




Reflective




Environmental Screening Available
TYPICAL
MIN/MAX
Ta = 25 ºC
Ta = -55 ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ......................... -55ºC to +125 ºC
Storage Temperature .......................................... -65ºC to +125 ºC
Case Temperature ........................................................... +125 ºC
DC Voltage ..................................................................... +7 Volts
Continuous RF Input Power ........................................... +25 dBm
CHARACTERISTIC
Notes: Care should always be taken to effectively ground the case of each unit.
DC Bias
+5 Vdc
0.2 mA
5.0 mA Max.
-5 Vdc
0.1 mA
5.0 mA Max.
VSWR
1.6:1
2.0:1 Max.
Switching Speed (ns)
Frequency
10 - 2000 MHz
10 - 2000 MHz
Isolation
(dB)*
75
Revision 10/31/2012
55
75 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
I
nsertion Loss (dB)
3rd Order I
ntercept
Point (dBm)**
+87
10 - 1000 MHz
1.0
2.0 Max.
1000 - 2000 MHz
1.4
3.0 Max.
Preliminary
2nd Order I
ntercept
Point (dBm)***
+45
* Isolation specifications are measured at 750 MHz.
*** Second order intercept measured at 350 MHz.
** Third order intercept measured at 500 MHz.


Similar Part No. - TWD2300

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWD2301 APITECH-TWD2301 Datasheet
207Kb / 1P
   SP4T RF SWITCH MODEL
More results

Similar Description - TWD2300

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TWH5016 APITECH-TWH5016 Datasheet
183Kb / 1P
   SP3T RF SWITCH MODEL
TWP2248 APITECH-TWP2248 Datasheet
192Kb / 1P
   SP3T RF SWITCH MODEL
TWD2241 APITECH-TWD2241 Datasheet
206Kb / 1P
   SP3T RF SWITCH MODEL
logo
Spectrum Microwave, Inc...
TWP2248 SPECTRUM-TWP2248 Datasheet
52Kb / 1P
   SP3T RF SWITCH
TWH5016 SPECTRUM-TWH5016 Datasheet
55Kb / 1P
   SP3T RF SWITCH
TWD2241 SPECTRUM-TWD2241 Datasheet
63Kb / 1P
   SP3T RF SWITCH
logo
Mini-Circuits
JSW3-23DR-75 MINI-JSW3-23DR-75 Datasheet
384Kb / 7P
   SP3T RF Switch
JSW3-272DR MINI-JSW3-272DR Datasheet
380Kb / 7P
   SP3T RF Switch
logo
Infineon Technologies A...
BGS13SL9 INFINEON-BGS13SL9 Datasheet
2Mb / 14P
   Wideband RF SP3T Switch
Revision 2.4, 2014-05-27
BGS13S2N9 INFINEON-BGS13S2N9 Datasheet
1Mb / 14P
   Wideband RF SP3T Switch
Revision 1.0 - 2016-02-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com