Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8344E Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8344E
Description  16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8344E Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS8344E Datasheet HTML 1Page - Burr-Brown (TI) ADS8344E Datasheet HTML 2Page - Burr-Brown (TI) ADS8344E Datasheet HTML 3Page - Burr-Brown (TI) ADS8344E Datasheet HTML 4Page - Burr-Brown (TI) ADS8344E Datasheet HTML 5Page - Burr-Brown (TI) ADS8344E Datasheet HTML 6Page - Burr-Brown (TI) ADS8344E Datasheet HTML 7Page - Burr-Brown (TI) ADS8344E Datasheet HTML 8Page - Burr-Brown (TI) ADS8344E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
®
2
ADS8344
SPECIFICATION: +5V
At TA = –40°C to +85°C, +VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ADS8344E, N
ADS8344EB, NB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0
VREF
TT
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
TT
V
Negative Input
–0.2
+1.25
TT
V
Capacitance
25
T
pF
Leakage Current
±1
T
µA
SYSTEM PERFORMANCE
Resolution
16
T
Bits
No Missing Codes
14
15
Bits
Integral Linearity Error
8
6
LSB
Offset Error
±2
±1mV
Offset Error Match
1.2
4
TT
LSB(1)
Gain Error
±0.05
±0.024
%
Gain Error Match
1.0
4
TT
LSB
Noise
20
T
µVrms
Power Supply Rejection
+4.75V < VCC < 5.25V
3
T
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
T
Clk Cycles
Acquisition Time
4.5
T
Clk Cycles
Throughput Rate
100
T
kHz
Multiplexer Settling Time
500
T
ns
Aperture Delay
30
T
ns
Aperture Jitter
100
T
ps
Internal Clock Frequency
SHDN = VDD
2.4
T
MHz
External Clock Frequency
0.024
2.4
TT
MHz
Data Transfer Only
0
2.4
TT
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 5Vp-p at 10kHz
–90
T
dB
Signal-to-(Noise + Distortion)
VIN = 5Vp-p at 10kHz
86
T
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
92
T
dB
Channel-to-Channel Isolation
VIN = 5Vp-p at 10kHz
100
T
dB
REFERENCE INPUT
Range
0.5
+VCC
TT
V
Resistance
DCLK Static
5
T
G
Input Current
40
100
TT
µA
fSAMPLE = 12.5kHz
2.5
T
µA
DCLK Static
0.001
3
TT
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
| IIH | ≤ +5µA
3.0
5.5
TT
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
TT
V
VOH
IOH = –250µA
3.5
T
V
VOL
IOL = 250µA
0.4
T
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
+VCC
Specified Performance
4.75
5.25
TT
V
Quiescent Current
1.5
2.0
T
mA
fSAMPLE = 100kHz
300
T
µA
Power-Down Mode(3), CS = +VCC
3
T
µA
Power Dissipation
7.5
10
T
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Same specifications as ADS8344E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +5.0V, one LSB is 76µV. (2) First nine harmonics of the test frequency. (3) Auto power-down mode
(PD1 = PD0 = 0) active or SHDN = GND.


Similar Part No. - ADS8344E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8344E TI-ADS8344E Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344E/2K5 TI-ADS8344E/2K5 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344E/2K5G4 TI-ADS8344E/2K5G4 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344EB TI-ADS8344EB Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
ADS8344EB/2K5 TI-ADS8344EB/2K5 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling
More results

Similar Description - ADS8344E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8345 TI1-ADS8345_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8344 TI1-ADS8344_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI-ADS8345 Datasheet
505Kb / 18P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8345 TI1-ADS8345_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343 BURR-BROWN-ADS8343 Datasheet
446Kb / 18P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com