Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS831E Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS831E
Description  8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS831E Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS831E Datasheet HTML 1Page - Burr-Brown (TI) ADS831E Datasheet HTML 2Page - Burr-Brown (TI) ADS831E Datasheet HTML 3Page - Burr-Brown (TI) ADS831E Datasheet HTML 4Page - Burr-Brown (TI) ADS831E Datasheet HTML 5Page - Burr-Brown (TI) ADS831E Datasheet HTML 6Page - Burr-Brown (TI) ADS831E Datasheet HTML 7Page - Burr-Brown (TI) ADS831E Datasheet HTML 8Page - Burr-Brown (TI) ADS831E Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8-Bit, 80MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SNR: 49dB
q INTERNAL / EXTERNAL REFERENCE
OPTION
q SINGLE-ENDED OR
DIFFERENTIAL ANALOG INPUT
q PROGRAMMABLE INPUT RANGE:
1Vp-p /2Vp-p
q LOW POWER: 275mW
q LOW DNL: 0.35LSB
q SINGLE +5V SUPPLY OPERATION
q 20-PIN SSOP PACKAGE
APPLICATIONS
q MEDICAL IMAGING
q VIDEO DIGITIZING
q COMPUTER SCANNERS
q COMMUNICATIONS
q DISK-DRIVE CONTROL
DESCRIPTION
The ADS831 is a pipeline, CMOS analog-to-digital con-
verter that operates from a single +5V power supply. This
converter provides excellent performance with a single-
ended input and can be operated with a differential input
for added spurious performance. This high performance
converter includes an 8-bit quantizer, high bandwidth
track/hold, and a high accuracy internal reference. It also
allows for the user to disable the internal reference and
utilize external references. This external reference option
provides excellent gain and offset matching when used in
multi-channel applications or in applications where DC full
scale range adjustment is required.
The ADS831 employs digital error correction techniques to
provide excellent differential linearity for demanding im-
aging applications. Its low distortion and high SNR give
the extra margin needed for medical imaging, communica-
tions, video, and test instrumentation.
The ADS831 is specified at a maximum sampling fre-
quency of 80MHz and a single-ended input range of 1.5V
to 3.5V. The ADS831 is available in a 20-lead SSOP
package and is pin-for-pin compatible with the 8-bit, 60MHz
ADS830.
TM
ADS831
®
¤
ADS831
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
©1998 Burr-Brown Corporation
PDS-1430B
Printed in U.S.A. October, 1998
8-Bit
Pipelined
A/D Core
Internal
Reference
Optional External
Reference
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
CLK
VDRV
ADS831
+V
S
Int/Ext
D0
D7
IN
V
IN
IN
(Opt)


Similar Part No. - ADS831E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS831E TI1-ADS831E Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831E/2K5 TI1-ADS831E/2K5 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831E/2K5G4 TI1-ADS831E/2K5G4 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS831EG4 TI1-ADS831EG4 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS831E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS809 BURR-BROWN-ADS809 Datasheet
437Kb / 18P
   12-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com