Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS807E Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS807E
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS807E Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS807E Datasheet HTML 4Page - Burr-Brown (TI) ADS807E Datasheet HTML 5Page - Burr-Brown (TI) ADS807E Datasheet HTML 6Page - Burr-Brown (TI) ADS807E Datasheet HTML 7Page - Burr-Brown (TI) ADS807E Datasheet HTML 8Page - Burr-Brown (TI) ADS807E Datasheet HTML 9Page - Burr-Brown (TI) ADS807E Datasheet HTML 10Page - Burr-Brown (TI) ADS807E Datasheet HTML 11Page - Burr-Brown (TI) ADS807E Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
®
ADS807
DIFFERENTIAL LINEARITY ERROR
(Single-Ended, Input Sampling Frequency = 40MHz)
Output Codes
1.000
0.500
0
–0.500
–1.000
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
(Sampling Frequency = 40MHz)
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
DIFFERENTIAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
1024
2048
3072
4096
f
IN = 1MHz
DIFFERENTIAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 1MHz
TYPICAL PERFORMANCE CURVES (CONT)
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.


Similar Part No. - ADS807E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807E TI-ADS807E Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
ADS807E TI1-ADS807E Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807E TI1-ADS807E Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1K TI1-ADS807E/1K Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1KG4 TI1-ADS807E/1KG4 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS807E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
ADS807 TI1-ADS807_14 Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com