Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN1812-300CSMD Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # UN1812-300CSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN1812-300CSMD Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  UN1812-300CSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN1812-300CSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN1812-300CSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN1812-300CSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
1 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN1812 Series
SOCAY Electronics Co., Ltd.
www.socay.com
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters.
The 1812 series GDT offers high surge ratings in a miniature
package. It
’s designed for surface mounting on PCB with small size
4.5x3.2x2.7mm. Low insertion loss is perfectly suited to broadband
equipment applications. The capacitance does not vary with
voltage, and will not cause operational problems with ADSL2+,
where capacitance variation across Tip and Ring is undesirable.
These devices are extremely robust and are able to divert a 500A
pulse in a miniature package 1812 without destruction.
AGENCY
AGENCY FILE NUMBER
E341061
Materials
Dull Tin-plated
u
Non-Radioactive
u
RoHS compliant
u
Ultra low capacitance (<1.0 pF)
u
UL recognized
u
Excellent response to fast rising transients
u
2KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
u
Square Outline
Product Marking
Without
Storage and
Operational
Temperature
-40 to +90
°C
Weight
~180mg
u
Communication equipment
u
CATV equipment
u
Test equipment
u
Data lines
u
Power supplies
u
Telecom SLIC protection
u
Broadband equipment
u
ADSL equipment, including ADSL2+
u
XDSL equipment
u
Satellite and CATV equipment
u
General telecom equipment
u
ESD protection
Features
Schematic Symbol
Agency Approvals
Description
Product Characteristics
Applications


Similar Part No. - UN1812-300CSMD

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN1812-300CSMD UNSEMI-UN1812-300CSMD Datasheet
2Mb / 5P
   Surface Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN1812-300CSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E5-SMD SOCAY-UN2E5-SMD Datasheet
193Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-470CSMD SOCAY-UN1812-470CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-200CSMD SOCAY-UN1812-200CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E5-90LSMD SOCAY-UN2E5-90LSMD Datasheet
330Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC2E5-SMD SOCAY-SC2E5-SMD Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
SC1210 SOCAY-SC1210 Datasheet
1Mb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-SMD SOCAY-UN2E6-SMD Datasheet
267Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-600CSMD SOCAY-UN1812-600CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN2E6-400LSMD SOCAY-UN2E6-400LSMD Datasheet
322Kb / 5P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
UN1812-350CSMD SOCAY-UN1812-350CSMD Datasheet
311Kb / 4P
   Surface Mount 2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com