Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS804 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS804
Description  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS804 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS804 Datasheet HTML 4Page - Burr-Brown (TI) ADS804 Datasheet HTML 5Page - Burr-Brown (TI) ADS804 Datasheet HTML 6Page - Burr-Brown (TI) ADS804 Datasheet HTML 7Page - Burr-Brown (TI) ADS804 Datasheet HTML 8Page - Burr-Brown (TI) ADS804 Datasheet HTML 9Page - Burr-Brown (TI) ADS804 Datasheet HTML 10Page - Burr-Brown (TI) ADS804 Datasheet HTML 11Page - Burr-Brown (TI) ADS804 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
ADS804
APPLICATION INFORMATION
DRIVING THE ANALOG INPUT
The ADS804 allows its analog inputs to be driven either
single-ended or differentially. The focus of the following
discussion is on the single-ended configuration. Typically,
its implementation is easier to achieve and the rated speci-
fications for the ADS804 are characterized using the single-
ended mode of operation.
AC-COUPLED INPUT CONFIGURATION
Given in Figure 1 is the circuit example of the most common
interface configuration for the ADS804. With the VREF pin
connected to the SEL pin, the full-scale input range is
defined to be 2Vp-p. This signal is ac-coupled in single-
ended form to the ADS804 using the low distortion voltage-
feedback amplifier OPA642. As is generally necessary for
single supply components, operating the ADS804 with a
full-scale input signal swing requires a level-shift of the
amplifier’s zero centered analog signal to comply with the
A/D converters input range requirements. Using a DC block-
ing capacitor between the output of the driving amplifier and
the converter’s input, a simple level-shifting scheme can be
implemented. In this configuration, the top and bottom
references (REFT, REFB) provide an output voltage of +3V
and +2V, respectively. Here, two resistor pairs (2 x 2k
Ω) are
used to create a common-mode voltage of approximately
+2.5V to bias the inputs of the ADS804 (IN, IN) to the
required DC voltage.
An advantage of ac-coupling is that the driving amplifier
still operates with a ground-based signal swing. This will
keep the distortion performance at its optimum since the
signal swing stays within the linear region of the op amp and
sufficient headroom to the supply rails can be maintained.
Consider using the inverting gain configuration to eliminate
CMR induced errors of the amplifier. The addition of a small
series resistor (RS) between the output of the op amp and the
input of the ADS804 will be beneficial in almost all interface
configurations. This will decouple the op amp’s output from
the capacitive load and avoid gain peaking, which can result
in increased noise. For best spurious and distortion perfor-
mance, the resistor value should be kept below 100
Ω.
Furthermore, the series resistor together with the 100pF
capacitor establish a passive low-pass filter, limiting the
bandwidth for the wideband noise thus, help improving the
SNR performance.
DC-COUPLED WITHOUT LEVEL SHIFT
In some applications the analog input signal may already be
biased at a level which complies with the selected input
range and reference level of the ADS804. In this case, it is
only necessary to provide an adequately low source imped-
ance to the selected input, IN or IN. Always consider
wideband op amps since their output impedance will stay
low over a wide range of frequencies. For those applications
requiring the driving amplifier to provide a signal amplifica-
tion, with a gain
≥ 3, consider using the decompensated
voltage feedback op amp OPA643.
DC-COUPLED WITH LEVEL SHIFT
Several applications may require that the bandwidth of the
signal path include DC, in which case the signal has to be
DC-coupled to the A/D converter. In order to accomplish
this, the interface circuit has to provide a DC-level shift. The
circuit shown in Figure 2 employs an op amp, A1, to sum the
ground centered input signal with a required DC offset. The
ADS804 typically operates with a +2.5V common-mode
voltage, which is established at the center tap of the ladder
and connected to the IN input of the converter. Amplifier A1
operates in inverting configuration. Here resistors R1 and R2
set the DC-bias level for A1. Because of the op amp’s noise
gain of +2V/V, assuming RF = RIN, the DC offset voltage
applied to its non-inverting input has to be divided down to
+1.25V, resulting in a DC output voltage of +2.5V.
FIGURE 1. AC-Coupled Input Configuration for 2Vp-p Input Swing and Common-Mode Voltage at +2.5V Derived from
Internal Top and Bottom Reference.
OPA642
V
IN
+V
IN
0V
–V
IN
R
F
402
R
G
402
ADS804
R
S
24.9
2k
2k
2k
2k
100pF
0.1µF
0.1
µF
2Vp-p
IN
IN
(+2V)
REFB
(+1V)
VREF
SEL
REFT
(+3V)
+5V –5V
+2.5V
DC


Similar Part No. - ADS804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS804 TI1-ADS804 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804 Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804E TI1-ADS804E Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804E TI1-ADS804E Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804E/1K TI1-ADS804E/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS804

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com