Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS800U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS800U
Description  12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS800U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS800U Datasheet HTML 1Page - Burr-Brown (TI) ADS800U Datasheet HTML 2Page - Burr-Brown (TI) ADS800U Datasheet HTML 3Page - Burr-Brown (TI) ADS800U Datasheet HTML 4Page - Burr-Brown (TI) ADS800U Datasheet HTML 5Page - Burr-Brown (TI) ADS800U Datasheet HTML 6Page - Burr-Brown (TI) ADS800U Datasheet HTML 7Page - Burr-Brown (TI) ADS800U Datasheet HTML 8Page - Burr-Brown (TI) ADS800U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ADS800
2
SBAS035B
www.ti.com
ADS800U
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 40MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
ABSOLUTE MAXIMUM RATINGS(1)
+V
S ....................................................................................................... +6V
Analog Input .............................................................. 0V to (+V
S + 300mV)
Logic Input ................................................................ 0V to (+V
S + 300mV)
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +125
°C
External Top Reference Voltage (REFT) .................................. +3.4V Max
External Bottom Reference Voltage (REFB) .............................. +1.1V Min
NOTE: (1) Stresses above these ratings may permanently damage the device.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper han-
dling and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Resolution
12
Bits
Specified Temperature Range
TAMBIENT
0
+70
°C
Operating Temperature Range
TAMBIENT
–40
+85
°C
ANALOG INPUT
Differential Full-Scale Input Range
Both Inputs,
+1.25
+3.25
V
180
° Out-of-Phase
Common-Mode Voltage
+2.25
V
Analog Input Bandwidth (–3dB)
Small-Signal
–20dBFS(1) Input
+25
°C
400
MHz
Full-Power
0dBFS Input
+25
°C65
MHz
Input Impedance
1.25 || 4
M
Ω || pF
DIGITAL INPUT
Logic Family
TTL/HCT Compatible CMOS
Convert Command
Start Conversion
Falling Edge
ACCURACY(2)
fS = 2.5MHz
Gain Error
+25
°C
±0.4
±1.5
%
Full
±0.6
±2.5
%
Gain Drift
±95
ppm/
°C
Power-Supply Rejection of Gain
∆ +V
S = ±5%
+25
°C
0.01
0.15
%FSR/%
Input Offset Error
Full
±2.6
±3.5
%
Power-Supply Rejection of Offset
∆ +V
S = ±5%
+25
°C
0.02
0.15
%FSR/%
CONVERSION CHARACTERISTICS
Sample Rate
10k
40M
Sample/s
Data Latency
6.5
Convert Cycle
DYNAMIC CHARACTERISTICS
Differential Linearity Error
f = 500kHz
tH = 13ns(3)
+25
°C
±0.6
±1.0
LSB
Full
±0.8
LSB
f = 12MHz
+25
°C
±0.4
±1.0
LSB
Full
±0.5
LSB
No Missing Codes
tH = 13ns(3)
+25
°C
Tested
LSB
Integral Linearity Error at f = 500kHz
Full
±1.9
LSB
Spurious-Free Dynamic Range (SFDR)
f = 500kHz (–1dBFS input)
+25
°C
65
72
dBFS
Full
60
66
dBFS
f = 12MHz (–1dBFS input)
+25
°C58
61
dBFS
Full
55
61
dBFS
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS800U
SO-28
DW
–40
°C to +85°C
ADS800U
ADS800U
Rails, 28
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
NOTES: (1) dBFS refers to dB below Full-Scale. (2) Percentage accuracies are referred to the internal A/D converter Full-Scale Range of 4Vp-p. (3) To assure
DNL and no missing code performance, see timing diagram footnote 2. (4) IMD is referred to the larger of the two input signals. If referred to the peak envelope
signal (
≈0dB), the intermodulation products will be 7dB lower. (5) No “rollover” of bits.


Similar Part No. - ADS800U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS800U TI1-ADS800U Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800U1K TI1-ADS800U1K Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800U1KG4 TI1-ADS800U1KG4 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800UG4 TI1-ADS800UG4 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS800U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com