Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2E8-1000L Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # UN2E8-1000L
Description  High Voltage 2-Electrode Gas Discharge Tube (GDT)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-1000L Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN2E8-1000L Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-1000L Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-1000L Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-1000L Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Voltage 2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 / UN2H8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN2E8-XXXL
UN2E8-XXXLL
UN2H8-XXXLL
UN2H8-XXXL
Service Life
DC
Spark-over
Voltage
Maximum Impulse
Spark-over Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Part Number
Figure Marking
@100V/S
@100V/
μs @1KV/μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
UN2E8-1000LL
1
UN2E8-1000L
3
1000L
1000V
±20%
1500V
1600V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-1600LL
1
UN2E8-1600L
3
1600L
1600V
±20%
2200V
2400V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2000LL
1
UN2E8-2000L
3
2000L
2000V
±20%
3000V
3500V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2500LL
1
UN2E8-2500L
3
2500L
2500V
±20%
3800V
4000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-2700LL
1
UN2E8-2700L
3
2700L
2700V
±20%
3800V
4000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-3000LL
1
UN2E8-3000L
3
3000L
3000V
±20%
4300V
4500V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2E8-3500LL
1
UN2E8-3500L
3
3500L
3500V
±20%
4800V
5000V
1 G
Ω
(at 100V)
1.5pF
~25V
5KA
10KA
UN2H8-4000LL
2
UN2H8-4000L
4
4000L
4000V
±20%
5400V
5600V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-4500LL
2
UN2H8-4500L
4
4500L
4500V
±20%
5800V
6000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-5000LL
2
UN2H8-5000L
4
5000L
5000V
±20%
6000V
6500V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-5500LL
2
UN2H8-5500L
4
5500L
5500V
±20%
6500V
7000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
UN2H8-6000LL
2
UN2H8-6000L
4
6000L
6000V
±20%
7500V
8000V
1 G
Ω
(at 100V)
1.0pF
~25V
5KA
10KA
Notes:
1). Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2). At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Dimensions
(Unit: mm)
Electrical Characteristics
Figure 3
Figure 1
Figure 2
Figure 4


Similar Part No. - UN2E8-1000L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-1000L SOCAY-UN2E8-1000L Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-1000L UNSEMI-UN2E8-1000L Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-1000LL UNSEMI-UN2E8-1000LL Datasheet
3Mb / 7P
   High Voltage Single Gas Discharge Tube
Revision March 1,2022
More results

Similar Description - UN2E8-1000L

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-6000LL SOCAY-UN2E8-6000LL Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1600L SOCAY-UN2E8-1600L Datasheet
418Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-1000LL SOCAY-UN2E8-1000LL Datasheet
416Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E5-1000D SOCAY-UN2E5-1000D Datasheet
377Kb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2E5 SOCAY-SC2E5_V01 Datasheet
1Mb / 4P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
SC2H8 SOCAY-SC2H8 Datasheet
2Mb / 5P
   High Voltage 2-Electrode Gas Discharge Tube (GDT)
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-470HSMD SOCAY-UN2E8-470HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com