Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2E8-150HSMD Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # UN2E8-150HSMD
Description  2-Electrode Gas Discharge Tube (GDT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E8-150HSMD Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  UN2E8-150HSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 5Page - Socay Electornics Co., Ltd. UN2E8-150HSMD Datasheet HTML 6Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
1 / 6
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E8 Series
SOCAY Electronics Co., Ltd.
www.socay.com
UN2E8-XXXM/HL
UN2E8-XXXM/H
UN2E8-XXXM/HSMD
Gas discharge Tubes (GDT) are classical components for
protecting the installations of the telecommunications. It is
essential that IT and telecommunications systems -with their
high-grade but sensitive electronic circuits - be protected by
arresters. They are thus fitted at the input of the power supply
system together with varistors and at the connection points to
telecommunication lines. They have become equally indispensable
for protecting base stations in mobile telephone systems as well as
extensive cable television (CATV) networks with their repeaters
and distribution systems.
These protective components are also indispensable in other
sectors, In AC power transmission systems, they are often used
with current-limiting varistors, In customer premises equipment
such as DSL modems, WLAN routers, TV sets and cable modems
In air-conditioning equipment, the integral black-box concept offers
graduated protection by combining arresters with varistors, PTC,
diodes and inductor.
AGENCY
AGENCY FILE NUMBER
E341061
u
Non-Radioactive
u
RoHS compliant
u
High insulation resistance
u
Excellent response to fast rising transients
u
Ultra low capacitance
u
10~20KA surge capability tested with 8/20
μs
pulse as de
fined by IEC 61000-4-5
Materials
Leaded
Device:
Nickel-plated
with
Tinplated wires
Surface Mount: Dull Tin-plated
Product Marking
UNION XXXM/H
XXX
-Nominal voltage
M
- 10KA
H
- 20KA
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90
°C
UN2E8-XXXML
~1.5g
UN2E8-XXXHL
~1.6g
UN2E8-XXXM/H
~1.35g
u
Communication lines and equipment
u
CATV equipment
u
Test equipment
u
Data lines
u
Power supplies
u
Instrumentation circuits
u
Medical electronics
u
ADSL equipment
u
Telecom SLIC protection
Weight
UN2E8-XXXM/HSMD
~1.5g
Features
Schematic Symbol
Agency Approvals
Product Characteristics
Description
Applications


Similar Part No. - UN2E8-150HSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
logo
UN Semiconducctor INC
UN2E8-150HSMD UNSEMI-UN2E8-150HSMD Datasheet
3Mb / 8P
   Single Gas Discharge Tube
Revision March 1,2022
logo
Socay Electornics Co., ...
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
Revision October 18, 2013
More results

Similar Description - UN2E8-150HSMD

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
UN2E8-420ML SOCAY-UN2E8-420ML Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HSMD SOCAY-UN2E8-75HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-90HSMD SOCAY-UN2E8-90HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-150HSMD SOCAY-UN2E8-150HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-250M SOCAY-UN2E8-250M Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350H SOCAY-UN2E8-350H Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-350MSMD SOCAY-UN2E8-350MSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-420HSMD SOCAY-UN2E8-420HSMD Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-600HL SOCAY-UN2E8-600HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
UN2E8-75HL SOCAY-UN2E8-75HL Datasheet
563Kb / 6P
   2-Electrode Gas Discharge Tube (GDT)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com