Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7843 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7843
Description  TOUCH SCREEN CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7843 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7843 Datasheet HTML 3Page - Burr-Brown (TI) ADS7843 Datasheet HTML 4Page - Burr-Brown (TI) ADS7843 Datasheet HTML 5Page - Burr-Brown (TI) ADS7843 Datasheet HTML 6Page - Burr-Brown (TI) ADS7843 Datasheet HTML 7Page - Burr-Brown (TI) ADS7843 Datasheet HTML 8Page - Burr-Brown (TI) ADS7843 Datasheet HTML 9Page - Burr-Brown (TI) ADS7843 Datasheet HTML 10Page - Burr-Brown (TI) ADS7843 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
®
7
ADS7843
FIGURE 2. Simplified Diagram of Analog Input.
REFERENCE INPUT
The voltage difference between +REF and –REF (see Figure
2) sets the analog input range. The ADS7843 will operate
with a reference in the range of 1V to +VCC. There are several
critical items concerning the reference input and its wide
voltage range. As the reference voltage is reduced, the analog
voltage weight of each digital output code is also reduced.
This is often referred to as the LSB (least significant bit) size
and is equal to the reference voltage divided by 4096. Any
offset or gain error inherent in the A/D converter will appear
to increase, in terms of LSB size, as the reference voltage is
reduced. For example, if the offset of a given converter is 2
LSBs with a 2.5V reference, it will typically be 5 LSBs with
a 1V reference. In each case, the actual offset of the device
is the same, 1.22mV. With a lower reference voltage, more
care must be taken to provide a clean layout including
adequate bypassing, a clean (low noise, low ripple) power
supply, a low-noise reference, and a low-noise input signal.
The voltage into the VREF input is not buffered and directly
drives the capacitor digital-to-analog converter (CDAC) por-
tion of the ADS7843. Typically, the input current is 13
µA
with VREF = 2.7V and fSAMPLE = 125kHz. This value will vary
by a few microamps depending on the result of the conver-
sion. The reference current diminishes directly with both
conversion rate and reference voltage. As the current from the
reference is drawn on each bit decision, clocking the con-
verter more quickly during a given conversion period will not
reduce overall current drain from the reference.
There is also a critical item regarding the reference when
making measurements where the switch drivers are on. For
this discussion, it’s useful to consider the basic operation of
the ADS7843 as shown in Figure 1. This particular appli-
cation shows the device being used to digitize a resistive
touch screen. A measurement of the current Y position of
the pointing device is made by connecting the X+ input to
the A/D converter, turning on the Y+ and Y– drivers, and
digitizing the voltage on X+ (see Figure 3 for a block
diagram). For this measurement, the resistance in the X+
lead does not affect the conversion (it does affect the
settling time, but the resistance is usually small enough that
this is not a concern).
FIGURE 3. Simplified Diagram of Single-Ended Reference
(SER/DFR HIGH, Y Switches Enabled, X+ is
Analog Input).
Converter
+IN
+REF
Y+
+V
CC
V
REF
X+
Y–
GND
–REF
–IN
CONVERTER
REF
+REF
+IN
IN
IN3
IN4
GND
A2-A0
(Shown 001
B)
SER/DFR
(Shown HIGH)
X+
X–
+V
CC
PENIRQ
Y+
Y–
V
REF


Similar Part No. - ADS7843

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843E TI1-ADS7843E Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
ADS7843E/2K5 TI1-ADS7843E/2K5 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7843

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com