Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7841P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7841P
Description  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7841P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7841P Datasheet HTML 4Page - Burr-Brown (TI) ADS7841P Datasheet HTML 5Page - Burr-Brown (TI) ADS7841P Datasheet HTML 6Page - Burr-Brown (TI) ADS7841P Datasheet HTML 7Page - Burr-Brown (TI) ADS7841P Datasheet HTML 8Page - Burr-Brown (TI) ADS7841P Datasheet HTML 9Page - Burr-Brown (TI) ADS7841P Datasheet HTML 10Page - Burr-Brown (TI) ADS7841P Datasheet HTML 11Page - Burr-Brown (TI) ADS7841P Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
8
ADS7841
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (˚C)
18
16
14
12
10
8
6
60
80
SUPPLY CURRENT vs +V
CC
3.5
25
2.5
4
+V
CC (V)
320
300
280
260
240
220
200
180
4.5
3
f
SAMPLE = 12.5kHz
V
REF = +VCC
MAXIMUM SAMPLE RATE vs +V
CC
3.5
25
2.5
4
+V
CC (V)
1M
100k
10k
1k
4.5
3
V
REF = +VCC
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.


Similar Part No. - ADS7841P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841P TI-ADS7841P Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841P TI1-ADS7841P Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI-ADS7841PB Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI1-ADS7841PB Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PBG4 TI-ADS7841PBG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7841P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com