Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7831 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7831
Description  12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7831 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7831 Datasheet HTML 1Page - Burr-Brown (TI) ADS7831 Datasheet HTML 2Page - Burr-Brown (TI) ADS7831 Datasheet HTML 3Page - Burr-Brown (TI) ADS7831 Datasheet HTML 4Page - Burr-Brown (TI) ADS7831 Datasheet HTML 5Page - Burr-Brown (TI) ADS7831 Datasheet HTML 6Page - Burr-Brown (TI) ADS7831 Datasheet HTML 7Page - Burr-Brown (TI) ADS7831 Datasheet HTML 8Page - Burr-Brown (TI) ADS7831 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
®
ADS7831
PIN ASSIGNMENTS
DIGITAL
PIN #
NAME
I/O
DESCRIPTION
1V
IN
Analog Input. Connect via 50
Ω to analog input. Full-scale input range is ±2.5V.
2
AGND1
Analog Ground. Used internally as ground reference point. Minimal current flow.
3
REF
Reference Input/Output. Outputs internal reference of +2.5V nominal. Can also be driven by external system
reference. In both cases, decouple to ground with a 0.1
µF ceramic capacitor.
4
CAP
Reference Buffer Output. 10
µF tantalum capacitor to ground. Nominally +2V.
5
AGND2
Analog Ground.
6
D11 (MSB)
O
Data Bit 11. Most Significant Bit (MSB) of conversion results. Hi-Z state when CS is HIGH, or when R/C is
LOW, or when a conversion is in progress.
7
D10
O
Data Bit 10. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
8
D9
O
Data Bit 9. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
9
D8
O
Data Bit 8. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
10
D7
O
Data Bit 7. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
11
D6
O
Data Bit 6. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
12
D5
O
Data Bit 5. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
13
D4
O
Data Bit 4. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
14
DGND
Digital Ground.
15
D3
O
Data Bit 3. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
16
D2
O
Data Bit 2. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
17
D1
O
Data Bit 1. Hi-Z state when CS is HIGH, or when R/C is LOW, or when a conversion is in progress.
18
D0 (LSB)
O
Data Bit 0. Least Significant Bit (LSB) of conversion results. Hi-Z state when CS is HIGH, or when R/C is
LOW, or when a conversion is in progress.
19
Not internally connected.
20
+V
ANA
Analog Positive Supply Input. Nominally +5V. Connect directly to pins 21, 27 and 28.
21
+V
DIG
Digital Supply Input. Nominally +5V. Connect directly to pins 20, 27 and 28.
22
DGND
Digital ground.
23
R/C
I
Read/Convert Input. With CS LOW, a falling edge on R/C puts the internal sample/hold into the hold state and
starts a conversion. With CS LOW and no conversion in progress, a rising edge on R/C enables the output
data bits.
24
CS
I
Chip Select. With R/C LOW, a falling edge on CS will initiate a conversion. With R/C HIGH and no conversion
in progress, a falling edge on CS will enable the output data bits.
25
BUSY
O
Busy Output. Falls when a conversion is started, and remains LOW until the conversion is completed and the
data is latched into the output register. With CS LOW and R/C HIGH, output data will be valid when BUSY
rises, so that the rising edge can be used to latch the data.
26
–V
ANA
Analog Negative Supply Input. Nominally –5V. Decouple to ground with 0.1
µF ceramic and 10µF tantalum
capacitors.
27
+V
DIG
Digital Supply Input. Nominally +5V. Connect directly to pins 20, 21 and 28.
28
+V
ANA
Analog Positive Supply Input. Nominally +5V. Connect directly to pins 20, 21 and 27, and decouple to ground
with 0.1
µF ceramic and 10µF tantalum capacitors.
PIN CONFIGURATION
Top View
DIP/SOIC
V
IN
AGND1
REF
CAP
AGND2
D11 (MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
+V
ANA
+V
DIG
–V
ANA
BUSY
CS
R/C
DGND
+V
DIG
+V
ANA
NC(1)
D0 (LSB)
D1
D2
D3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7831
NOTE: (1) Not Internally Connected.


Similar Part No. - ADS7831

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Burr-Brown (TI)
ADS7830I BURR-BROWN-ADS7830I Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7830IPWR BURR-BROWN-ADS7830IPWR Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830IPWR TI1-ADS7830IPWR Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7831

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com