Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-05B Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # L-05B
Description  Chip and Wirewound Inductor Packaging Information
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-05B Datasheet(HTML) 1 Page - Johanson Technology Inc.

  L-05B Datasheet HTML 1Page - Johanson Technology Inc. L-05B Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip and Wirewound Inductor Packaging Information
Taping Specifications
A
A’
B
C
D
T
L-05B
2.0
±
0.05
4.0
±0.1 0.38±
0.02
0.68
±
0.02
2.0
±
0.05
Max.
0.44
L-07C 2.0
±0.1 4.0±0.1 0.6±0.1 1.1±0.1 2.0±0.1
Max.
1.0
L-14C 4.0
±0.1 4.0±0.1 1.0±0.1 1.8±0.1 2.0±0.1
Max.
1.3
Quantity
Type
L-05B
L-07C
L-14C
Quantity/reel
15,000 pcs
10,000 pcs
4,000 pcs
Tape material
Paper
Paper
Paper
Reel Dimensions (Unit: mm)
Leader / Trailer Tape (Unit: mm)
Peel-off Force
Peel-off force should be in the range of 0.1 – 0.6 N at a peel-off speed of 300
±10 mm/min .
Notes
The contents of this data sheet are subject to change without notice. Please confirm the specifications and delivery
conditions when placing your order.
Peeling Direction
Top Cover Tape
Carrier Tape
<10
0
178 ± 2.0
60 ± 0.5
1.2 ± 0.2
9 ± 0.3
11.4 ± 1.0
Label
D:21.8 ± 0.8
D:13.0 ± 0.3
2.0 ± 0.5
Label: Customer’s Name, Johanson P/N, Date
Trailer End
Trailer (80mm min.)
Leader End
Cover Tape Only
60mm min.
Empty Compartments with
Cover Tape (80mm min.)
φ1.5
+0.1/-0.0
A’
0.2 ±
0.05
D
8 ± 0.2
3.5 ± 0.1
1.75 ±
0.1
C
T
A
B
Type
(Units: mm)


Similar Part No. - L-05B

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-05B10NCT4T JOHANSON-L-05B10NCT4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B10NCT6T JOHANSON-L-05B10NCT6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B10NCV6T JOHANSON-L-05B10NCV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B10NJT4T JOHANSON-L-05B10NJT4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
More results

Similar Description - L-05B

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
L-07C3N3SV6T JOHANSON-L-07C3N3SV6T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C4N7SV4T JOHANSON-L-14C4N7SV4T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-14C39NJV4T JOHANSON-L-14C39NJV4T Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
L-15WR18JV4E JOHANSON-L-15WR18JV4E Datasheet
191Kb / 2P
   Chip and Wirewound Inductor Packaging Information Taping Specifications
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
   Wirewound Chip Inductor
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
   Packaging Information
Revision: 01-Feb-13
logo
Torex Semiconductor
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
   Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
   Packaging Information
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com