Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7824 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7824
Description  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7824 Datasheet HTML 1Page - Burr-Brown (TI) ADS7824 Datasheet HTML 2Page - Burr-Brown (TI) ADS7824 Datasheet HTML 3Page - Burr-Brown (TI) ADS7824 Datasheet HTML 4Page - Burr-Brown (TI) ADS7824 Datasheet HTML 5Page - Burr-Brown (TI) ADS7824 Datasheet HTML 6Page - Burr-Brown (TI) ADS7824 Datasheet HTML 7Page - Burr-Brown (TI) ADS7824 Datasheet HTML 8Page - Burr-Brown (TI) ADS7824 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
ADS7824
1
AGND1
Analog Ground. Used internally as ground reference point.
2
AIN0
Analog Input Channel 0. Full-scale input range is
±10V.
3
AIN1
Analog Input Channel 1. Full-scale input range is
±10V.
4
AIN2
Analog Input Channel 2. Full-scale input range is
±10V.
5
AIN3
Analog Input Channel 3. Full-scale input range is
±10V.
6
CAP
Internal Reference Output Buffer. 2.2
µF Tantalum to ground.
7
REF
Reference Input/Output. Outputs +2.5V nominal. If used externally, must be buffered to maintain ADS7825 accuracy.
Can also be driven by external system reference. In both cases, bypass to ground with a 2.2
µF Tantalum capacitor.
8
AGND2
Analog Ground.
9
D7
O
Parallel Data Bit 7 if PAR/SER HIGH; Tri-state if PAR/SER LOW. See Table I.
10
D6
O
Parallel Data Bit 6 if PAR/SER HIGH; Tri-state if PAR/SER LOW. See Table I.
11
D5
O
Parallel Data Bit 5 if PAR/SER HIGH; Tri-state if PAR/SER LOW. See Table I.
12
D4
I/O
Parallel Data Bit 4 if PAR/SER HIGH; if PAR/SER LOW, a LOW level input here will transmit serial data on SDATA from
the previous conversion using the internal serial clock; a HIGH input here will transmit serial data using an external serial
clock input on DATACLK (D2). See Table I.
13
D3
O
Parallel Data Bit 3 if PAR/SER HIGH; SYNC output if PAR/SER LOW. See Table I.
14
DGND
Digital Ground.
15
D2
I/O
Parallel Data Bit 2 if PAR/SER HIGH; if PAR/SER LOW, this will output the internal serial clock if EXT/INT (D4) is LOW;
will be an input for an external serial clock if EXT/INT (D4) is HIGH. See Table I.
16
D1
O
Parallel Data Bit 1 if PAR/SER HIGH; SDATA serial data output if PAR/SER LOW. See Table I.
17
D0
I/O
Parallel Data Bit 0 if PAR/SER HIGH; TAG data input if PAR/SER LOW. See Table I.
18
A1
I/O
Channel Address. Input if CONTC LOW, output if CONTC HIGH. See Table I.
19
A0
I/O
Channel Address. Input if CONTC LOW, output if CONTC HIGH. See Table I.
20
PAR/SER
I
Select Parallel or Serial Output. If HIGH, parallel data will be output on D0 thru D7. If LOW, serial data will be output on
SDATA. See Table I and Figure 1.
21
BYTE
I
Byte Select. Only used with parallel data, when PAR/SER HIGH. Determines which byte is available on D0 thru D7.
Changing BYTE with CS LOW and R/C HIGH will cause the data bus to change accordingly. LOW selects the 8 MSBs;
HIGH selects the 4 LSBs, see Figures 2 and 3.
22
R/C
I
Read/Convert Input. With CS LOW, a falling edge on R/C puts the internal sample/hold into the hold state and starts a
conversion. With CS LOW, a rising edge on R/C enables the output data bits if PAR/SER HIGH, or starts transmission
of serial data if PAR/SER LOW and EXT/INT HIGH.
23
CS
I
Chip Select. Internally OR'd with R/C. With CONTC LOW and R/C LOW, a falling edge on CS will initiate a conversion.
With R/C HIGH, a falling edge on CS will enable the output data bits if PAR/SER HIGH, or starts transmission of serial
data if PAR/SER LOW and EXT/INT HIGH.
24
BUSY
O
Busy Output. Falls when conversion is started; remains LOW until the conversion is completed and the data is latched
into the output register. In parallel output mode, output data will be valid when BUSY rises, so that the rising edge can
be used to latch the data.
25
CONTC
I
Continuous Conversion Input. If LOW, conversions will occur normally when initiated using CS and R/C; if HIGH,
acquisition and conversions will take place continually, cycling through all four input channels, as long as CS, R/C and
PWRD are LOW. See Table I. For serial mode only.
26
PWRD
I
Power Down Input. If HIGH, conversions are inhibited and power consumption is significantly reduced. Results from the
previous conversion are maintained in the output register. In the continuous conversion mode, the multiplexer address
channel is reset to channel 0
27
VS2
Supply Input. Nominally +5V. Connect directly to pin 28. Decouple to ground with 0.1
µF ceramic and 10µF Tantalum
capacitors.
28
VS1
Supply Input. Nominally +5V. Connect directly to pin 27.
PIN #
NAME
I/O
DESCRIPTION
PIN ASSIGNMENTS


Similar Part No. - ADS7824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com