Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7821U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7821U
Description  16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7821U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7821U Datasheet HTML 1Page - Burr-Brown (TI) ADS7821U Datasheet HTML 2Page - Burr-Brown (TI) ADS7821U Datasheet HTML 3Page - Burr-Brown (TI) ADS7821U Datasheet HTML 4Page - Burr-Brown (TI) ADS7821U Datasheet HTML 5Page - Burr-Brown (TI) ADS7821U Datasheet HTML 6Page - Burr-Brown (TI) ADS7821U Datasheet HTML 7Page - Burr-Brown (TI) ADS7821U Datasheet HTML 8Page - Burr-Brown (TI) ADS7821U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
ADS7821
+1.0
+0.5
–0.5
–1.0
0
8192 16384 24576 32768 40960 49152 57344 65536
Min/Max DNL Errors
–0.740 at 36431
1.070 at 32767
+2.0
+1.0
–1.0
–2.0
Min/Max INL Errors
–0.900 at 12447
1.910 at 32767
0
8192 16384 24576 32768 40960 49152 57344 65536
TYPICAL PERFORMANCE CURVES
TA = –25°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using external reference, unless otherwise specified.
2.52
2.515
2.51
2.505
2.5
2.495
2.49
2.485
2.48
INTERNAL REFERENCE VOLTAGE
vs TEMPERATURE
Temp (°C)
–25
0
25
50
75
8.00
7.90
7.80
7.70
7.60
7.50
7.40
7.30
7.20
CONVERSION TIME vs TEMPERATURE
Temp (°C)
–25
0
25
50
75


Similar Part No. - ADS7821U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7821U TI1-ADS7821U Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7821U/1K TI1-ADS7821U/1K Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7821UB TI1-ADS7821UB Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7821UB/1K TI1-ADS7821UB/1K Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7821U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com