Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7820PB Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7820PB
Description  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7820PB Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7820PB Datasheet HTML 1Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 2Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7820PB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
®
ADS7820
SPECIFICATIONS
ELECTRICAL
TA = –40°C to +85°C, fS = 100kHz, VDIG = VANA = +5V, using internal reference, unless otherwise specified.
ADS7820P/U
ADS7820PB/UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
Guaranteed
RESOLUTION
12
D
Bits
ANALOG INPUT
Voltage Ranges
0 to +5
D
V
Impedance
10
D
k
Capacitance
35
D
pF
THROUGHPUT SPEED
Conversion Time
5.7
8
DD
µs
Complete Cycle
Acquire and Convert
10
D
µs
Throughput Rate
100
D
kHz
DC ACCURACY
Integral Linearity Error
±1.0
±0.5
LSB(1)
Differential Linearity Error
±1.0
±0.5
LSB
No Missing Codes
D
Bits
Transition Noise(2)
0.1
D
LSB
Full Scale Error(3,4)
±0.5
±0.25
%
Full Scale Error Drift
±7
±5
ppm/
°C
Full Scale Error(3,4)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full Scale Error Drift
Ext. 2.5000V Ref
±2
D
ppm/
°C
Offset Error
±8
±4mV
Offset Error Drift
±2
D
ppm/
°C
Power Supply Sensitivity
+4.75V < VD < +5.25V
±0.75
±0.5
LSB
(VDIG = VANA = VD)
AC ACCURACY
Spurious-Free Dynamic Range
fIN = 45kHz
80
D
dB(5)
Total Harmonic Distortion
fIN = 45kHz
–80
D
dB
Signal-to-(Noise+Distortion)
fIN = 45kHz
70
72
dB
Signal-to-Noise
fIN = 45kHz
70
72
dB
Full-Power Bandwidth(6)
250
D
kHz
SAMPLING DYNAMICS
Aperture Delay
40
D
ns
Transient Response
FS Step
2
D
µs
Overvoltage Recovery(7)
150
D
ns
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
DD
D
V
Internal Reference Source Current
1
D
µA
(Must use external buffer.)
External Reference Voltage Range
2.3
2.5
2.7
DD
D
V
for Specified Linearity
External Reference Current Drain
Ext. 2.5000V Ref
100
D
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
DD
V
VIH
+2.0
VD +0.3V
DD
V
IIL
±10
D
µA
IIH
±10
D
µA
DIGITAL OUTPUTS
Data Format
Parallel 12 bits
Data Coding
Straight Binary
VOL
ISINK = 1.6mA
+0.4
D
V
VOH
ISOURCE = 500µA+4
D
V
Leakage Current
High-Z State,
±5
D
µA
VOUT = 0V to VDIG
Output Capacitance
High-Z State
15
D
pF
DIGITAL TIMING
Bus Access Time
83
D
ns
Bus Relinquish Time
83
D
ns


Similar Part No. - ADS7820PB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7820PB TI1-ADS7820PB Datasheet
200Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7820PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com