Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7819UB Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7819UB
Description  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7819UB Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7819UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 9Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 10Page - Burr-Brown (TI) ADS7819UB Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
®
ADS7819
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If it is critical that CS or R/C initiate
the conversion, be sure the less critical input is LOW at least
10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. Note that
the parallel output will be active whenever R/C is HIGH and
no conversion is in progress. See the Reading Data section
and refer to Table I for control line functions for ‘read’ and
‘convert’ modes.
READING DATA
The ADS7819 outputs full parallel data in Binary Two’s
Complement data format. The parallel output will be active
when R/C (pin 23) is HIGH, CS (pin 24) is LOW, and no
conversion is in progress. Any other combination will tri-state
the parallel output. Valid conversion data can be read in a full
parallel, 12-bit word on D11-D0 (pins 6-13 and 15-18). Refer
to Table II for ideal output codes.
After the conversion is completed and the output registers
have been updated, BUSY (pin 25) will go HIGH. Valid data
from the most recent conversion will be available on
D11-D0 (pins 6-13 and 15-18). BUSY going HIGH can be
used to latch the data. Refer to Table III and Figures 2 and 3.
Note: For best performance, the external data bus connected
to D11-D0 should not be active during a conversion. The
switching noise of the external asynchronous data signals
can cause digital feed through degrading the converter’s
performance.
The number of control lines can be reduced by tieing CS
LOW while using R/C to initiate conversions and activate
the output mode of the converter. See Figure 2.
INPUT RANGES
The ADS7819 has a
±2.5V input range. Figures 4a and 4b
show the necessary circuit connections for the ADS7819
with and without external hardware trim. Offset and full
scale error(1) specifications are tested and guaranteed with
the 50
Ω resistor shown in Figure 4b. This external resistor
makes it possible to trim the offset
±12mV using a trim pot
or trim DAC. This resistor may be left out if the offset and
gain errors will be corrected in software or if they are
negligible in regards to the particular application. See the
Calibration section of the data sheet for details.
The nominal input impedance of 3.125k
Ω results from the
combination of the internal resistor network shown on the
front page of the product data sheet and the external 50
resistor. The input resistor divider network provides inherent
over-voltage protection guaranteed to at least
±25V. The
50
Ω, 1% resistor does not compromise the accuracy or drift
of the converter. It has little influence relative to the internal
resistors, and tighter tolerances are not required.
Note: The values shown for the internal resistors are for
reference only. The exact values can vary by
±30%. This is
true of all resistors internal to the ADS7819. Each resistive
divider is trimmed so that the proper division is achieved.
NOTE: (1) Full scale error includes offset and gain errors and is measured at
both +FS and –FS.
TABLE III. Timing Specifications (TMIN to TMAX).
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
t1
Convert Pulse Width
40
ns
t2
Data Valid Delay
965
1100
ns
After Start of Conversion
t3
BUSY Delay
70
125
ns
From Start of Conversion
t4
BUSY LOW
960
1085
ns
t5
BUSY Delay After
90
ns
End of Conversion
t6
Aperture Delay
20
ns
t7
Conversion Time
940
1030
ns
t8
Acquisition Time
180
220
ns
t7 & t8
Throughput Time
1120
1250
ns
t9
Bus Relinquish Time
10
50
83
ns
t10
BUSY Delay
20
65
100
ns
After Data Valid
t11
R/C to CS
10
ns
Setup Time
t12
Time Between
1250
ns
Conversions
t13
Bus Access Time
10
30
62
ns


Similar Part No. - ADS7819UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7819UB TI1-ADS7819UB Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7819UB/1K TI1-ADS7819UB/1K Datasheet
259Kb / 13P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7819UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com