Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25040B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25040B
Description  Serial Peripheral Interface (SPI) Compatible
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25040B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25040B Datasheet HTML 1Page - ATMEL Corporation AT25040B Datasheet HTML 2Page - ATMEL Corporation AT25040B Datasheet HTML 3Page - ATMEL Corporation AT25040B Datasheet HTML 4Page - ATMEL Corporation AT25040B Datasheet HTML 5Page - ATMEL Corporation AT25040B Datasheet HTML 6Page - ATMEL Corporation AT25040B Datasheet HTML 7Page - ATMEL Corporation AT25040B Datasheet HTML 8Page - ATMEL Corporation AT25040B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
8707B–SEEPR–3/10
AT25010B/020B/040B
Note:
1. This parameter is characterized and is not 100% tested.
2.
Serial Interface Description
MASTER: The device that generates the serial clock.
SLAVE: Because the serial clock pin (SCK) is always an input, the AT25010B/020B/040B always operates as a
slave.
TRANSMITTER/RECEIVER: The AT25010B/020B/040B has separate pins designated for data transmission (SO)
and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be received. This byte con-
tains the op-code that defines the operations to be performed. The op-code also contains address bit A8 in both
the read and write instructions.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the AT25010B/020B/040B, and
the serial output pin (SO) will remain in a high impedance state until the falling edge of CS is detected again. This
will reinitialize the serial communication.
CHIP SELECT: The AT25010B/020B/040B is selected when the CS pin is low. When the device is not selected,
data will not be accepted via the SI pin, and the SO pin will remain in a high impedance state.
HOLD: The HOLD pin is used in conjunction with the CS pin to select the AT25010B/020B/040B. When the device
is selected and a serial sequence is underway, HOLD can be used to pause the serial communication with the
master device without resetting the serial sequence. To pause, the HOLD pin must be brought low while the SCK
pin is low. To resume serial communication, the HOLD pin is brought high while the SCK pin is low (SCK may still
toggle during HOLD). Inputs to the SI pin will be ignored while the SO pin is in the high impedance state.
WRITE PROTECT: The write protect pin (WP) will allow normal read/write operations when held high. When the
WP pin is brought low, all write operations are inhibited.
WP going low while CS is still low will interrupt a write to the AT25010B/020B/040B. If the internal write cycle has
already been initiated, WP going low will have no effect on any write operation.
t
HZ
Hold to Output High Z
4.5
− 5.5
2.5
− 5.5
1.8
− 5.5
25
50
100
ns
t
DIS
Output Disable Time
4.5
− 5.5
2.5
− 5.5
1.8
− 5.5
25
50
100
ns
t
WC
Write Cycle Time
4.5
− 5.5
2.5
− 5.5
1.8
− 5.5
5
5
5
ms
Endurance(1)
5.0V, 25
⋅C, Page Mode
1M
Write Cycles
Table 1-3.
AC Characteristics (Continued)
Applicable over recommended operating range from T
AI = −40 to +85°C, VCC = As Specified,
CL = 1 TTL Gate and 30 pF (unless otherwise noted)
Symbol
Parameter
Voltage
Min
Max
Units


Similar Part No. - AT25040B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25040B ATMEL-AT25040B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
AT25040B ATMEL-AT25040B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-MAHL-T ATMEL-AT25040B-MAHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-B ATMEL-AT25040B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25040B-SSHL-T ATMEL-AT25040B-SSHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
More results

Similar Description - AT25040B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com