Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT25020B
Description  Serial Peripheral Interface (SPI) Compatible
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT25020B Datasheet HTML 1Page - ATMEL Corporation AT25020B Datasheet HTML 2Page - ATMEL Corporation AT25020B Datasheet HTML 3Page - ATMEL Corporation AT25020B Datasheet HTML 4Page - ATMEL Corporation AT25020B Datasheet HTML 5Page - ATMEL Corporation AT25020B Datasheet HTML 6Page - ATMEL Corporation AT25020B Datasheet HTML 7Page - ATMEL Corporation AT25020B Datasheet HTML 8Page - ATMEL Corporation AT25020B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
8707B–SEEPR–3/10
AT25010B/020B/040B
1.
Absolute Maximum Ratings*
Figure 1-1.
Block Diagram
Operating Temperature
............................ −40°C to + 125°C
*NOTICE:
Stresses beyond those listed under
“Absolute Maximum Ratings” may cause
permanent damage to the device. This is
a stress rating only and functional opera-
tion of the device at these or any other
conditions beyond those indicated in the
operational sections of this specification
is not implied. Exposure to absolute max-
imum rating conditions for extended peri-
ods may affect device reliability.
Storage Temperature
................................ −65°C to + 150°C
Voltage on Any Pin
with Respect to Ground
................................−1.0V to + 7.0V
Maximum Operating Voltage.................................... 6.25V
DC Output Current ................................................. 5.0 mA
MEMORY ARRAY
128/256/512 X 8
STATUS
REGISTER
DATA
REGISTER
MODE
DECODE
LOGIC
CLOCK
GENERATOR
OUTPUT
BUFFER
ADDRESS
DECODER
VCC


Similar Part No. - AT25020B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020B ATMEL-AT25020B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
AT25020B ATMEL-AT25020B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25020B-MAHL-T ATMEL-AT25020B-MAHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B-SSHL-B ATMEL-AT25020B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B-SSHL-T ATMEL-AT25020B-SSHL-T Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
More results

Similar Description - AT25020B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com