Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020B Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT25020B
Description  Serial Peripheral Interface (SPI) Compatible
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020B Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT25020B Datasheet HTML 3Page - ATMEL Corporation AT25020B Datasheet HTML 4Page - ATMEL Corporation AT25020B Datasheet HTML 5Page - ATMEL Corporation AT25020B Datasheet HTML 6Page - ATMEL Corporation AT25020B Datasheet HTML 7Page - ATMEL Corporation AT25020B Datasheet HTML 8Page - ATMEL Corporation AT25020B Datasheet HTML 9Page - ATMEL Corporation AT25020B Datasheet HTML 10Page - ATMEL Corporation AT25020B Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
8707B–SEEPR–3/10
AT25010B/020B/040B
3.
Functional Description
The AT25010B/020B/040B is designed to interface directly with the synchronous serial peripheral interface (SPI) of
the 6805 and 68HC11 series of microcontrollers.
The AT25010B/020B/040B utilizes an 8-bit instruction register. The list of instructions and their operation codes
are contained in Figure 3-1. All instructions, addresses, and data are transferred with the MSB first and start with a
high-to-low CS transition.
Note:
“A” represents MSB address bit A8.
WRITE ENABLE (WREN): The device will power up in the write disable state when V
CC is applied. All program-
ming instructions must therefore be preceded by a Write Enable instruction. The WP pin must be held high during
a WREN instruction.
WRITE DISABLE (WRDI): To protect the device against inadvertent writes, the Write Disable instruction disables
all programming modes. The WRDI instruction is independent of the status of the WP pin.
READ STATUS REGISTER (RDSR): The Read Status Register instruction provides access to the status register.
The read/busy and write enable status of the device can be determined by the RDSR instruction. Similarly, the
block write protection bits indicate the extent of protection employed. These bits are set by using the WRSR
instruction.
Table 3-1.
Instruction Set for the AT25010B/020B/040B
Instruction Name
Instruction Format
Operation
WREN
0000 X110
Set Write Enable Latch
WRDI
0000 X100
Reset Write Enable Latch
RDSR
0000 X101
Read Status Register
WRSR
0000 X001
Write Status Register
READ
0000 A011
Read Data from Memory Array
WRITE
0000 A010
Write Data to Memory Array
Table 3-2.
Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
XXXX
BP1
BP0
WEN
RDY
Table 3-3.
Read Status Register Bit Definition
Bit
Definition
Bit0(RDY)
Bit 0 = “0” (RDY) indicates the device is ready.
Bit 0 = “1” indicates the write cycle is in progress.
Bit 1 (WEN)
Bit 1 = “0” indicates the device is not write enabled.
Bit 1 = “1” indicates the device is write enabled.
Bit 2 (BP0)
See Table 3-4.
Bit 3 (BP1)
See Table 3-4.
Bits 4–7 are “0”s when device is not in an internal write cycle.
Bits 0–7 are “1”s during an internal write cycle.


Similar Part No. - AT25020B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020B ATMEL-AT25020B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
AT25020B ATMEL-AT25020B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT25020B-MAHL-T ATMEL-AT25020B-MAHL-T Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B-SSHL-B ATMEL-AT25020B-SSHL-B Datasheet
1Mb / 27P
   SPI Serial EEPROM
AT25020B ATMEL-AT25020B_14 Datasheet
791Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25020B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
AT25040B-XHL-B ATMEL-AT25040B-XHL-B Datasheet
1Mb / 27P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161A ATMEL-AT26DF161A_14 Datasheet
938Kb / 41P
   Serial Peripheral Interface (SPI) Compatible
AT25080A ATMEL-AT25080A_14 Datasheet
457Kb / 19P
   Serial Peripheral Interface (SPI) Compatible
AT45DB021B ATMEL-AT45DB021B_14 Datasheet
485Kb / 32P
   Serial Peripheral Interface (SPI) Compatible
AT26DF161 ATMEL-AT26DF161_14 Datasheet
697Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT26DF321 ATMEL-AT26DF321_14 Datasheet
659Kb / 34P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
352Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com