Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETXB2D271B Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETXB2D271B
Description  Large Can Aluminum Electrolytic Capacitors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETXB2D271B Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETXB2D271B Datasheet HTML 1Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 2Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 3Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 4Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 5Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 6Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 7Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 8Page - Panasonic Semiconductor EETXB2D271B Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
1 General Specifications
Capacitance
Nominal capacitance is specified at 120Hz
frequency
and
20°C
temperature.
Unless
specified
otherwise,
standard
capacitance
tolerance is ±20% of the nominal value.
Working Voltage
The maximum allowable sum of continuous DC
voltage plus peak ripple voltage which can be
applied to the capacitor.
Surge Voltage
The maximum transient voltage level allowed
for short periods of time without sustaining
permanent damage to the capacitor. Values are
listed in the standard product ratings.
Leakage Current
(µA) maximum after 5 minutes of
I
= 3 CV
applying rated voltage. Capacitance is the
nominal value in µF, voltage in VDC.
Ripple Current
The standard product tables list ripple current
allowable limits at specified maximum operating
temperatures.
Correction factors for other temperatures and
frequencies are listed in the general sections for
the general product type.
Endurance (Life) Test
Duration: Specified hours of life
Ambient Temp.: Maximum specified
operating temperature
Applied Voltage: DC voltage with
maximum specified ripple
current applied (the sum
of the
applied DC voltage plus
the peak ripple voltage
should not exceed rated
working voltage)
Post test requirements at +20°C:
Leakage Current:
≤ Initial specified value
Cap. change:
≤ ±20% of initial
measured value
D. F. / E.S.R.:
≤ 200% of initial specified
value
Shelf Life
Duration: 1000 hours
Ambient Temp.: Maximum specified
operating temperature
Applied Voltage: None
Post test requirements at +20°C:
Same as Endurance Test requirements above.
Measurements are to be performed after
applying DC working voltage for 30 minutes.
2 Life Expectancy
Panasonic capacitors have a specified life at a
maximum
temperature
and
ripple
current.
Typical life can be considerably longer based on
actual life test results performed by the factory.
This data can be provided to help the designer
estimate expected life. This information is given
with a 60% confidence level.
Capacitor life at lower temperatures follows
"The Doubling 10°C Rule" where life is doubled
for
each
10°C
reduction
in
operating
temperature. The following equation is useful for
determining the life of a capacitor in the
application;
L2
= L
1
× 2
T1
−(T2+∆T)
10
where:
L
1 = Specified life (hours) at maximum
operating temperature. Typical life may
be substituted (at a 60% confidence
level).
L
2 = Expected life (hours) at actual operating
temperature.
T1 = Maximum operating temperature.
T2 = Ambient temperature (°C).
∆T = Ripple current temperature rise (°C).
It is recommended that the ripple current heat
rise be limited to 15°C at lower ambient
temperatures as higher temperature rises may
reduce operating life.
End of life is defined by the occurrence of one
of the following when stabilized at 20°C;
 Capacitance change exceeds ±20% of the
initial measured value.
 Dissipation Factor exceeds 200% of the initial
specified value.
4
Aluminum Electrolytic Capacitors


Similar Part No. - EETXB2D271B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETXB2D271HJ PANASONIC-EETXB2D271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETXB2D271JJ PANASONIC-EETXB2D271JJ Datasheet
242Kb / 5P
   Snap-in Type
More results

Similar Description - EETXB2D271B

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com